Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KA Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2N7002KA
Description  N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N7002KA Datasheet(HTML) 1 Page - Micro Commercial Components

  2N7002KA Datasheet HTML 1Page - Micro Commercial Components 2N7002KA Datasheet HTML 2Page - Micro Commercial Components 2N7002KA Datasheet HTML 3Page - Micro Commercial Components 2N7002KA Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2N7002K
A
N-Channel MOSFET
Features
Unit
VDS
Drain-source Voltage
60
V
ID
Drain Current
340
mA
PD
Total Power Dissipation
350
mW
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
2
3
1
1.GATE
2. SOURCE
3. DRAIN
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
Revision: A
2017/04/14
www.mccsemi.com
1 of
4
•
High density cell design for low RDS(ON)
•
Voltage controlled small signal switch
•
Rugged and reliable
•
ESD Protected up to 2
.5KV (HBM)
Symbol
Rating
Maximum Ratings @ 25OC Unless Otherwise Specified
Rating
• Halogen free available upon request by adding suffix "-HF"
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
B
.083
.104
2.10
2.64
www.mccsemi.com
RthJA
Thermal Resistance fromJunction to Ambient
357
/W
VGS
Gate-source Voltage
V
Micro Commercial Components
M C C
R
±20
Equivalent circuit


Similar Part No. - 2N7002KA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N7002KA NXP-2N7002KA Datasheet
94Kb / 11P
N-channel TrenchMOS FET
Rev. 03-25 February 2008
logo
KEC(Korea Electronics)
2N7002KA KEC-2N7002KA Datasheet
378Kb / 3P
N Channel MOSFET
2N7002KA KEC-2N7002KA Datasheet
51Kb / 3P
N Channel MOSFET ESD Protected 2000V
logo
Rectron Semiconductor
2N7002KA RECTRON-2N7002KA Datasheet
347Kb / 7P
N-Channel Enhancement Mode Power MOSFET
2021-10/74 REV:B
logo
KEC(Korea Electronics)
2N7002KA KEC-2N7002KA_15 Datasheet
364Kb / 3P
INTERFACE AND SWITCHING APPLICATION.
More results

Similar Description - 2N7002KA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com