Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55310 Datasheet(PDF) 2 Page - Littelfuse

Part # 55310
Description  Hall Effect Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

55310 Datasheet(HTML) 2 Page - Littelfuse

  55310 Datasheet HTML 1Page - Littelfuse 55310 Datasheet HTML 2Page - Littelfuse 55310 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
littelfuse.com
© 2015 Littelfuse
Revised: 11/02/15
Specifications are subject to change without notice.
55310 Flat Pack Digital Hall Sensor
Hall Effect Sensors
Specifications
Hall Effect Device
Unipolar Digital Switch
Operating Voltage
Recommended
Vdc
4.75 to 24.0
Over Voltage
Absolute Max 1
Vdc
30
Reverse Voltage
Absolute Max 1
Vdc
-20
Supply Current
mA - max.
6
Output Current
mA - max.
20
Sensor Actuation
with Magnetic South Pole
Operate (output low)
Release (output high)
Gauss - Typical
Gauss - Typical
55
35
Switching Speed
kHz Max
10
Temperature
Operating
°C
-40 to +105
Pin Out
Size
Insulation
Length
AWG
SAE
mm
20
J-1128, Type TXL
300
Digital Sensor > 55310
Notes:
1. This is a stress rating only. Functional operation is not implied for additional load/life information.
Termination Options
Select
Option
Description
Color
Function
A
Stripped Leads
Black
White
Red
Ground
Signal
V (in)
C
Molex Connector MX 150
33481-0301
Black
White
Red
Pin 1: Black/Ground
Pin 2: White/Signal
Pin 3: Red/V(in)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com