Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

55310 Datasheet(PDF) 1 Page - Littelfuse

Part # 55310
Description  Hall Effect Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

55310 Datasheet(HTML) 1 Page - Littelfuse

  55310 Datasheet HTML 1Page - Littelfuse 55310 Datasheet HTML 2Page - Littelfuse 55310 Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
littelfuse.com
© 2015 Littelfuse
Revised: 11/02/15
Specifications are subject to change without notice.
55310 Flat Pack Digital Hall Sensor
Description
The Littelfuse 55310 absolute position sensor provides a digital output signal
when activated by a magnet. The internal design of the sensor uses non-contact
magnetic Hall effect technology. This sensor is immune to the performance
limitations of the mechanical based products that are associated with
mechanical wear or contamination.
The 55310 package design commonly finds applications within all types of
vehicle and industrial segments and designed to operate in the harsh
environments, the sensor has an operating temperature range between -40°C
and 105°C. This unit incorporates automotive grade EMI/EMC and reverse
battery polarity protection, as well as commercial grade 20 AWG-TXL automotive
wire and the option of a Molex type sealed connector.
Hall Effect Sensors
Features
• Magnetically operated position
sensor
• Unipolar digital hall switch
• Three-wire with open-drain output
• EMC protection
• Reverse/over voltage protection
Benefits
• Custom connector, wire length
options available. Consult Littelfuse
• High switching speed up to 10kHz
• Long life - up to 20 billion
operations
• Unaffected by harsh environments
Customization Options
Customized versions available. Contact Littelfuse for details.
• Connectors and terminals
• Wire type and length
• Magnetic actuators
Applications
• Position sensing
• Limit sensing
• Speed measurement
• Magnetic encoders
Dimensions
Dimensions in mm
Digital Sensor > 55310
Note:
Standard actuators available pending application distance requirements. Consult Littelfuse.
3.18±0.30
20.52±0.30
11.23±0.30
10.24±0.30
Hall Effect
Sensor Location
270º
90º
180º
360º
CW
Actuator Magnet Rotation
0º
10.92±0.30
20.40±0.30
6.35±0.30
3.68±0.50
8.38±0.30
N
S
3.43±0.30
5.33±0.30
Radial Alignment
= ±1.0 Max
2.79±0.30
28.50±0.30
Actuator Magnet
57310-000 (Supplied with Sensor)
3.18±0.30
20.52±0.30
11.23±0.30
10.24±0.30
Hall Effect
Sensor Location
270º
90º
180º
360º
CW
Actuator Magnet Rotation
0º
10.92±0.30
20.40±0.30
6.35±0.30
3.68±0.50
8.38±0.30
N
S
3.43±0.30
5.33±0.30
Radial Alignment
= ±1.0 Max
2.79±0.30
28.50±0.30
Actuator Magnet
57310-000 (Supplied with Sensor)


Similar Part No. - 55310

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
553103B00000 AAVID-553103B00000 Datasheet
78Kb / 2P
For use with TO-3 packages
2/25/2003
More results

Similar Description - 55310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OHN3140 ETC-OHN3140 Datasheet
350Kb / 2P
HALLOGIC HALL EFFECT SENSORS
S26P200D15Y ETC2-S26P200D15Y Datasheet
549Kb / 2P
Hall Effect Current Sensors
logo
Littelfuse
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
Hall Effect Sensors
55110 LITTELFUSE-55110 Datasheet
447Kb / 3P
Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
Hall Effect Sensors
55505 LITTELFUSE-55505 Datasheet
484Kb / 2P
Hall Effect Sensors
logo
Feeling Technology Corp...
FS50 FEELING-FS50 Datasheet
57Kb / 7P
LINEAR HALL-EFFECT SENSORS
logo
Shaoxing Devechip Micro...
SDC49E SDC-SDC49E Datasheet
368Kb / 9P
Linear Hall-effect Sensors
SDC3503 SDC-SDC3503 Datasheet
313Kb / 8P
Linear Hall-effect Sensors
logo
OPTEK Technologies
OH360U OPTEK-OH360U Datasheet
330Kb / 2P
Hallogic hall Effect Sensors
May 1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com