Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C502 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB39C502
Description  High Efficiency Step Down DC/DC Controller Datasheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C502 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB39C502 Datasheet HTML 35Page - Cypress Semiconductor MB39C502 Datasheet HTML 36Page - Cypress Semiconductor MB39C502 Datasheet HTML 37Page - Cypress Semiconductor MB39C502 Datasheet HTML 38Page - Cypress Semiconductor MB39C502 Datasheet HTML 39Page - Cypress Semiconductor MB39C502 Datasheet HTML 40Page - Cypress Semiconductor MB39C502 Datasheet HTML 41Page - Cypress Semiconductor MB39C502 Datasheet HTML 42Page - Cypress Semiconductor MB39C502 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Document Number: 002-08449 Rev *A
Page 39 of 46
MB39C502/503/504
11.2.8
Selection of VDD Capacitor
4.7μF is assumed to be a standard, and when QG of switching FET used large, it is necessary to adjust it. To suppress
the ripple voltage by the switching FET gate drive, consider the capacitance calculated by the following formula as the
lowest value for VDD Capacitor and select a thing any more.
Calculate ratings of the VDD terminal capacitor by the following formula.
(MB39C502/C503)
G
VDD
Q
C
 50
(MB39C504)
G
LDO
Q
C
 50
5
CVDD
: VDD pin capacitance (F)
CLDO5
: LDO5 pin capacitance (F)
QG
: Total amount of high and low side FETs gate charge (C)
Calculate ratings of the VDD terminal capacitor by the following formula.
(MB39C502/C503)
VDD
CVDD
V
V
(MB39C504)
5
5
LDO
CLDO
V
V
VCVDD
: Withstand voltage of the VDD terminal capacitor (V)
VVDD
: Input voltage of VDD terminal (V)
VCLDO5
: Withstand voltage of the LDO5 terminal capacitor (V)
VLDO5
: Input voltage of LDO5 terminal (V)
11.2.9
Selection of VCC Capacitor and Resistor
(MB39C502/C503)
Connect 1.0μF between VCC to AGND terminal. Connect 10Ω between VCC to VDD terminal.
(MB39C504)
Connect 1.0μF between VCC to AGND terminal. Connect 10Ω between VCC to LDO5 terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com