Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB39C502 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB39C502
Description  High Efficiency Step Down DC/DC Controller Datasheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C502 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB39C502 Datasheet HTML 17Page - Cypress Semiconductor MB39C502 Datasheet HTML 18Page - Cypress Semiconductor MB39C502 Datasheet HTML 19Page - Cypress Semiconductor MB39C502 Datasheet HTML 20Page - Cypress Semiconductor MB39C502 Datasheet HTML 21Page - Cypress Semiconductor MB39C502 Datasheet HTML 22Page - Cypress Semiconductor MB39C502 Datasheet HTML 23Page - Cypress Semiconductor MB39C502 Datasheet HTML 24Page - Cypress Semiconductor MB39C502 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Document Number: 002-08449 Rev *A
Page 21 of 46
MB39C502/503/504
VIN = 7.4V, VOUT, BST and EN connect to 5V power supply, PGND, LX = 0V. TA = –30°C to +85°C, unless otherwise
noted.
(MB39C504)
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
5V LDO
Output voltage
VLDO5
No switchover.
VOUT input voltage < 4.4V
4.75
5.00
5.25
V
Output current
ILDO5
No switchover.
VVIN = 5.4V
25
-
-
mA
Output short current
ILDO5S
No switchover.
VLDO5 = 0V
-
80
125
mA
Switchover voltage
VSWOVR
VOUT voltage rising.
4.35
4.50
4.60
V
VHYS
Hysteresis voltage.
0.08
0.10
0.12
V
Startup time
tSLDO5
LDO5 voltage reaches to 4.2V.
CLDO5, CVCC = 1.0μF
100
150
400
μs
DRIVER
High side on resistance
RHOH
At 100mA current sourcing
-
3(*1)
-
Ω
RHOL
At 100mA current sinking
-
1(*1)
-
Ω
Low side on resistance
RLOH
At 100mA current sourcing
-
4(*1)
-
Ω
RLOL
At 100mA current sinking
-
0.75(*1)
-
Ω
High side source current
ISRCH
VDRVH = 2.5V
-
0.7(*1)
-
A
High side sink current
ISINKH
VDRVH = 2.5V
-
1.1(*1)
-
A
Low side source current
ISRCL
VDRVL = 2.5V
-
0.5(*1)
-
A
Low side sink current
ISINKL
VDRVL = 2.5V
-
1.7(*1)
-
A
Dead time
tDEAD
From DRVH turn off to DRVL turn on.
And reverse it.
10
20
-
ns
BOOST SWITCH
Boost switch on resistance
RBST
IBST = 10mA
-
30
50
Ω
BST leak current
ILKBST
VBST = 30V
-
0.1
1.0
μA
*1: No production tested, ensure by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com