Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILBB0603-RK300V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ILBB0603-RK300V
Description  Multilayer Ferrite Beads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILBB0603-RK300V Datasheet(HTML) 1 Page - Vishay Siliconix

  ILBB0603-RK300V Datasheet HTML 1Page - Vishay Siliconix ILBB0603-RK300V Datasheet HTML 2Page - Vishay Siliconix ILBB0603-RK300V Datasheet HTML 3Page - Vishay Siliconix ILBB0603-RK300V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.vishay.com
76
ILBB-0603
Vishay Dale
Document Number 34024
Revision 15-Jan-03
For technical questions, contact Magnetics@vishay.com
Multilayer Ferrite Beads
FEATURES
• High reliability.
• Surface mountable.
• Magnetically self shielded.
• Nickel barrier plating virtually eliminates silver migration.
MECHANICAL SPECIFICATIONS*
Solderability: 90% coverage after 5 second dip in 235
°C
solder following 60 second preheat at 120
°C to 150°C and
type R flux dip.
Resistance To Solder Heat: 10 seconds in 260
°C solder
after preheat and flux per above.
Terminal Strength: 0.3 kilograms (0.66 pounds) minimum
for 30 seconds.
Beam Strength: 0.3 kilogram (0.66 pounds) minimum.
ENVIRONMENTAL SPECIFICATIONS*
Operating Temperature: - 55
°C to + 125°C.
Thermal Shock: 100 cycles, - 40
°C to + 125°C.
Biased Humidity: 85% RH at 85
°C, 1000 hours at full
rated current.
STANDARD ELECTRICAL SPECIFICATIONS
Z @ 100MHz
(
± 25%)
DCR MAX.
(Ohms)
RATED DC CURRENT
(mA)
PACKAGING OPTIONS
• Tape and Reel:
Embossed plastic carrier tape
Per EIA481-1
4000 pieces on a 7" [178mm] reel
DESCRIPTION
ILBB-0603
MODEL
30
IMPEDANCE VALUE
± 25%
IMPEDANCE TOLERANCE
DIMENSIONS in inches [millimeters]
Suggested Pad Layout
Dimensional Outline
10
30
40
60
68
80
120
150
180
220
300
420
450
600
750
1000
1500
2000
0.05
0.09
0.10
0.10
0.10
0.20
0.20
0.30
0.30
0.30
0.35
0.40
0.40
0.45
0.60
0.60
0.70
0.80
500
500
400
400
200
150
150
150
150
150
150
150
100
100
100
100
50
50
G
H
E
F
AB
C
D
0.063
± .006
0.032
± .006
0.014
± .006 0.032 ± .006
[1.6
± 0.15]
[0.8
± 0.15]
[0.36
± 0.15]
[0.8
± 0.15]
A
B
Ferrite
Body
D
C
EF
G
H
0.102
0.031
0.023
0.039
[2.6]
[0.8]
[0.6]
[1.0]
I
L
B
B
06
03
R
K
3
0
0
V
SAP PART NUMBERING GUIDELINES (INTERNAL)
PRODUCT FAMILY
SIZE
See the end of this data book for conversion tables
IMPEDANCE
VALUE
PACKAGE
CODE
TOL.


Similar Part No. - ILBB0603-RK300V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB0603 VISHAY-ILBB0603 Datasheet
151Kb / 5P
Multilayer Ferrite Beads
16-Aug-12
ILBB0603ER300V VISHAY-ILBB0603ER300V Datasheet
151Kb / 5P
Multilayer Ferrite Beads
16-Aug-12
ILBB0603ER300V VISHAY-ILBB0603ER300V Datasheet
133Kb / 5P
Multilayer Ferrite Beads
16-Aug-12
More results

Similar Description - ILBB0603-RK300V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_06 Datasheet
132Kb / 7P
Multilayer Ferrite Beads
14-Mar-06
ILBB-0603 VISHAY-ILBB-0603_06 Datasheet
113Kb / 5P
Multilayer Ferrite Beads
13-Mar-06
ILB-1206 VISHAY-ILB-1206_06 Datasheet
656Kb / 6P
Multilayer Ferrite Beads
14-Mar-06
ILBB-0402 VISHAY-ILBB-0402_07 Datasheet
179Kb / 3P
Multilayer Ferrite Beads
12-Jul-07
ILBB-1210 VISHAY-ILBB-1210_07 Datasheet
105Kb / 3P
Multilayer Ferrite Beads
28-Aug-07
logo
Allied Components Inter...
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
771Kb / 1P
Multilayer Ferrite Beads
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_12 Datasheet
112Kb / 6P
Multilayer Ferrite Beads
21-Jun-11
ILB1206ER500V VISHAY-ILB1206ER500V Datasheet
125Kb / 5P
Multilayer Ferrite Beads
04-Feb-11
logo
Allied Components Inter...
MLB20 ALLIED-MLB20 Datasheet
806Kb / 1P
Multilayer Ferrite Beads
logo
Vishay Siliconix
ILBB0603 VISHAY-ILBB0603 Datasheet
151Kb / 5P
Multilayer Ferrite Beads
16-Aug-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com