Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ILBB0603-RK300V Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ILBB0603-RK300V
Description  Multilayer Ferrite Beads
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ILBB0603-RK300V Datasheet(HTML) 2 Page - Vishay Siliconix

  ILBB0603-RK300V Datasheet HTML 1Page - Vishay Siliconix ILBB0603-RK300V Datasheet HTML 2Page - Vishay Siliconix ILBB0603-RK300V Datasheet HTML 3Page - Vishay Siliconix ILBB0603-RK300V Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
77
ILBB-0603
Vishay Dale
Document Number 34024
Revision 15-Jan-03
For technical questions, contact Magnetics@vishay.com
TAPE AND REEL SPECIFICATIONS 0603 SIZE PER EIA-481-1 in inches [millimeters]
Empty Trailer
Components
Empty Tape
Cover Tape Leader
Unreel
Direction
160mm Minimum
390mm Minimum
160mm Minimum
A0
B0
D0
D1
E1
F
K0
P0
P1
0.045
± .004 [1.14 ± 0.1]
0.071
± .008 [1.80 ± 0.2]
0.059 + .004/- 0.000 [1.5 + 0.1]
0.039 Min. [1.0 Min.]
0.069
± .004 [1.75 ± 0.1]
0.138
± .002 [3.50 ± 0.05]
0.045
± .002 [1.15 ± 0.05]
0.157
± .004 [4.00 ± 0.1]
0.157
± .004 [4.00 ± 0.1]
0.079
± .002 [2.00 ± 0.05]
0.327 Max. [8.3 Max.]
0.008
± .002 [0.2 ± 0.05]
7.000
± .079 [178.0 ± 2.0]
2.500 [63.5] Min.
0.51 + 0.02/- 0.008 [13 + 0.5]
0.315 + 0.059/- 0.00 [8.00
± 1.50]
0.079
± .002 [2.00 ± 0.05]
P2
W
T
A
N
C
W1
T1
ØA
W1
T1
ØC
ØN
P2
P0
B0
ØD1
A0
P1
ØD0
E1
F
W
T
K0
Multilayer Ferrite Beads



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com