Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP01N100 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTP01N100
Description  High Voltage MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP01N100 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTP01N100 Datasheet HTML 1Page - IXYS Corporation IXTP01N100 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTP 01N100D
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 50 V; I
D = ID25
Note 1
100
150
mS
C
iss
120
pF
C
oss
V
GS
= -10 V, V
DS = 25 V, f = 1 MHz
15
pF
C
rss
3pF
t
d(on)
8n s
t
r
V
gs
= 0 V, to -10 V, I
D = 50 mA
6
n s
t
d(off)
V
ds
= 100 V
30
n s
t
f
R
G
= 30
Ω, (External)
51
n s
R
thJC
5
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
SD
V
GS = -10 V, IF = ID25
Note 1
1.0
1.5
V
t
rr
I
F = 0.75 A, -di/dt = 10 A/µs,
1.5
µs
V
DS = 25 V, VGS = -10V
Pins:
1 - Gate
2 - Drain
3 - Source
4 - Drain
Bottom Side
TO-220 AD Dimensions
Note 1: Pulse test, t
≤ 300 µs, duty cycle d ≤ 2 %



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com