Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP01N100 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTP01N100
Description  High Voltage MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP01N100 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTP01N100 Datasheet HTML 1Page - IXYS Corporation IXTP01N100 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
1000
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C;T
J = 25°C to 150°C
100
mA
I
DM
T
C
= 25
°C, pulse width limited by T
J
400
mA
P
D
T
C
= 25
°C25
W
T
A
= 25
°C
1.1
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
Weight
1
g
High Voltage MOSFET
D (TAB)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS
= -10 V, I
D = 25 µA
1000
V
V
GS(off)
V
DS
= 25V, I
D = 25 µA
-2.5
-5
V
I
GSS
V
GS
=
±20 V
DC, VDS = 0
±100
nA
I
DSS(off)
V
DS
= V
DSS, VGS = -10 V
T
J = 25°C10
µA
T
J = 125°C
250
µA
R
DS(on)
V
GS
=
0 V, I
D = 50 mA Note 1
90
110
Ω
I
D(on)
V
GS
= 0 V, V
DS = 50V Note 1
250
mA
98809A (12/01)
G D
S
TO-220AB (IXTP)
© 2001 IXYS All rights reserved
N-Channel, Depletion Mode
IXTP 01N100D
V
DSS
= 1000
V
I
D25
= 100 mA
R
DS(on) =
110
Ω
Ω
Ω
Ω
Ω
Features
l Normally ON mode
l Low R
DS (on) HDMOS
TM process
l Ruggedpolysilicongatecellstructure
l Fast switching speed
Applications
l Levelshifting
l Triggers
l Solid state relays
l Currentregulators


Similar Part No. - IXTP01N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP01N100D IXYS-IXTP01N100D Datasheet
93Kb / 2P
N-Channel, Depletion Mode High Voltage MOSFET
IXTP01N100D IXYS-IXTP01N100D Datasheet
164Kb / 6P
Power MOSFET
More results

Similar Description - IXTP01N100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA1N100 IXYS-IXTA1N100 Datasheet
46Kb / 2P
High Voltage MOSFET
98822 IXYS-98822 Datasheet
60Kb / 2P
High Voltage MOSFET
IXTU01N80 IXYS-IXTU01N80 Datasheet
68Kb / 2P
High Voltage MOSFET
IXTA2N80 IXYS-IXTA2N80 Datasheet
46Kb / 2P
High Voltage MOSFET
IXTA05N100 IXYS-IXTA05N100 Datasheet
541Kb / 4P
High Voltage MOSFET
IXTH1N100 IXYS-IXTH1N100 Datasheet
87Kb / 2P
High Voltage MOSFET
logo
Silan Microelectronics ...
3VD499650YL SILAN-3VD499650YL Datasheet
96Kb / 1P
HIGH VOLTAGE MOSFET CHIPS
logo
IXYS Corporation
IXTT1N450HV IXYS-IXTT1N450HV Datasheet
156Kb / 5P
High Voltage Power MOSFET
IXTF03N400 IXYS-IXTF03N400 Datasheet
155Kb / 4P
High Voltage Power MOSFET
IXTH20N50D IXYS-IXTH20N50D Datasheet
163Kb / 5P
High Voltage MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com