Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2270R Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH2270R
Description  High Precision Ambient Light Photodiode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2270R Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH2270R Datasheet HTML 1Page - OSRAM GmbH SFH2270R Datasheet HTML 2Page - OSRAM GmbH SFH2270R Datasheet HTML 3Page - OSRAM GmbH SFH2270R Datasheet HTML 4Page - OSRAM GmbH SFH2270R Datasheet HTML 5Page - OSRAM GmbH SFH2270R Datasheet HTML 6Page - OSRAM GmbH SFH2270R Datasheet HTML 7Page - OSRAM GmbH SFH2270R Datasheet HTML 8Page - OSRAM GmbH SFH2270R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2016-03-07
1
2016-03-07
High Precision Ambient Light Photodiode
Version 1.4
SFH 2270R
Ordering Information
Features:
•
Nearly perfect match with Human Eye Sensitivity (V
λ)
•
Black coloured TOPLED®-package
•
Low leakage current
Applications
•
Ambient light sensor
Type:
Photocurrent
Ordering Code
I
P [µA]
λ = 560 nm, Ee = 0.01 mW/cm
2,
VR = 1 V
SFH 2270R
0.0056 (≥ 0.0044)
Q65110A9911
Note::
corresponds to an illuminance of app. 55 lx


Similar Part No. - SFH2270R

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2200 OSRAM-SFH2200 Datasheet
673Kb / 13P
Silicon PIN Photodiode
logo
ams AG
SFH2200 AMSCO-SFH2200 Datasheet
900Kb / 17P
Silicon PIN Photodiode
Version 1.4 2021-06-08
logo
OSRAM GmbH
SFH2200A01 OSRAM-SFH2200A01 Datasheet
717Kb / 13P
Silicon PIN Photodiode
logo
ams AG
SFH2200A01 AMSCO-SFH2200A01 Datasheet
1Mb / 17P
Silicon PIN Photodiode
Version 1.5 2020-04-22
logo
OSRAM GmbH
SFH2200FA OSRAM-SFH2200FA Datasheet
604Kb / 13P
Suitable for reflow soldering
More results

Similar Description - SFH2270R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1312 ONSEMI-NOA1312 Datasheet
200Kb / 16P
High-Precision Ambient Light Sensor
November, 2011 ??Rev. P0
logo
OSRAM GmbH
LRTBGVSG OSRAM-LRTBGVSG Datasheet
753Kb / 31P
Ambient light
SFH-2270R OSRAM-SFH-2270R Datasheet
392Kb / 12P
High Precision Ambient Light Photodiode
logo
Texas Instruments
OPT4001 TI-OPT4001 Datasheet
1Mb / 38P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001_V01 Datasheet
1Mb / 42P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
DECEMBER 2021
OPT4001 TI-OPT4001_V02 Datasheet
2Mb / 54P
OPT4001 High Speed, High Precision, Digital Ambient Light Sensor
REVISED DECEMBER 2022
OPT4001-Q1 TI-OPT4001-Q1 Datasheet
2Mb / 50P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
MAY 2023
logo
ams AG
SFH2430 AMSCO-SFH2430 Datasheet
806Kb / 17P
DIL SMT Ambient Light Sensor Silicon Photodiode with Vλ Characteristic
Version 1.4 2021-06-08
logo
Texas Instruments
OPT4001-Q1 TI1-OPT4001-Q1_V01 Datasheet
1Mb / 47P
OPT4001-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
REVISED JULY 2023
OPT4003-Q1 TI1-OPT4003-Q1 Datasheet
1Mb / 45P
OPT4003-Q1 Automotive High-Speed, High-Precision, Digital Ambient Light Sensor
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com