Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH2270R Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH2270R
Description  High Precision Ambient Light Photodiode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2270R Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH2270R Datasheet HTML 1Page - OSRAM GmbH SFH2270R Datasheet HTML 2Page - OSRAM GmbH SFH2270R Datasheet HTML 3Page - OSRAM GmbH SFH2270R Datasheet HTML 4Page - OSRAM GmbH SFH2270R Datasheet HTML 5Page - OSRAM GmbH SFH2270R Datasheet HTML 6Page - OSRAM GmbH SFH2270R Datasheet HTML 7Page - OSRAM GmbH SFH2270R Datasheet HTML 8Page - OSRAM GmbH SFH2270R Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Version 1.4
SFH 2270R
2016-03-07
3
Relative Spectral Sensitivity 1) page 11
Srel = f(λ)
Dark Current 1) page 11
IR = f(VR), E = 0
Capacitance 1) page 11
C = f(VR), f = 1 MHz, E = 0
400
0
nm
%
OHF04449
20
40
60
80
100
λ
rel
S
10
30
50
70
500 600 700 800 900
1100
OHF04451
R
I
V
pA
0
R
V
5
10
1
5
10
2
10
-1
10
0
0.5
1.0
1.5
2.0
0
pF
OHF04450
R
V
10
-3
V
C
10
-2
10
-1
10
0
10
1
5
10
15
20
25
30
35
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com