Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH206K Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH206K
Description  Silicon PIN Photodiode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH206K Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH206K Datasheet HTML 1Page - OSRAM GmbH SFH206K Datasheet HTML 2Page - OSRAM GmbH SFH206K Datasheet HTML 3Page - OSRAM GmbH SFH206K Datasheet HTML 4Page - OSRAM GmbH SFH206K Datasheet HTML 5Page - OSRAM GmbH SFH206K Datasheet HTML 6Page - OSRAM GmbH SFH206K Datasheet HTML 7Page - OSRAM GmbH SFH206K Datasheet HTML 8Page - OSRAM GmbH SFH206K Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2016-01-04
1
2016-01-04
Silicon PIN Photodiode
Version 1.3
SFH 206 K
Ordering Information
Features:
•
Especially suitable for applications from 400 nm to 1100 nm
•
Short switching time (typ. 20 ns)
•
5 mm LED plastic package
•
Also available on tape and reel
Applications
•
Photointerrupters
•
Industrial electronics
•
For control and drive circuits
•
Computer-controlled flashes
Type:
Ordering Code
SFH 206 K
Q62702P0129


Similar Part No. - SFH206K

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH206K SIEMENS-SFH206K Datasheet
77Kb / 4P
Silizium-PIN-Fotodiode Silicon PIN Photodiode
More results

Similar Description - SFH206K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com