Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH206K Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH206K
Description  Silicon PIN Photodiode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH206K Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH206K Datasheet HTML 1Page - OSRAM GmbH SFH206K Datasheet HTML 2Page - OSRAM GmbH SFH206K Datasheet HTML 3Page - OSRAM GmbH SFH206K Datasheet HTML 4Page - OSRAM GmbH SFH206K Datasheet HTML 5Page - OSRAM GmbH SFH206K Datasheet HTML 6Page - OSRAM GmbH SFH206K Datasheet HTML 7Page - OSRAM GmbH SFH206K Datasheet HTML 8Page - OSRAM GmbH SFH206K Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2016-01-04
2
Version 1.3
SFH 206 K
Maximum Ratings (TA = 25 °C)
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Operating and storage temperature range
T
op; Tstg
-40 ... 100
°C
Reverse voltage
V
R
32
V
Total Power dissipation
P
tot
150
mW
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
V
ESD
2000
V
Parameter
Symbol
Values
Unit
Spectral sensitivity
(VR = 5 V, standard light A, T = 2856 K)
(typ)
S
80 (≥ 50)
nA/Ix
Wavelength of max. sensitivity
(typ)
λS max
850
nm
Spectral range of sensitivity
(typ)
λ10%
(typ) 400
... 1100
nm
Radiant sensitive area
(typ)
A
7.02
mm2
Dimensions of radiant sensitive area
(typ)
L x W
2.65 x 2.65
mm x
mm
Half angle
(typ)
ϕ
± 60
°
Dark current
(VR = 10 V)
(typ (max)) IR
2 (≤ 30)
nA
Spectral sensitivity of the chip
(λ = 850 nm)
(typ)
Sλ typ
0.62
A / W
Quantum yield of the chip
(λ = 850 nm)
(typ)
η
0.90
Electro
ns
/Photon
Open-circuit voltage
(Ev = 1000 lx, Std. Light A)
(typ (min))
VO
365 (≥ 310)
mV
Short-circuit current
(E
v = 1000 lx, Std. Light A)
(typ)
ISC
80
µA
Rise and fall time
(V
R = 5 V, RL = 50 Ω, λ = 850 nm, IP = 800 µA)
(typ)
t
r, tf
0.02
µs
Forward voltage
(IF = 100 mA, E = 0)
(typ)
V
F
1.3
V
Capacitance
(VR = 0 V, f = 1 MHz, E = 0)
(typ)
C0
72
pF
Temperature coefficient of VO
(typ)
TCV
-2.6
mV / K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com