Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578AM Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3578AM
Description  Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578AM Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3578AM Datasheet HTML 5Page - National Semiconductor (TI) LM3578AM Datasheet HTML 6Page - National Semiconductor (TI) LM3578AM Datasheet HTML 7Page - National Semiconductor (TI) LM3578AM Datasheet HTML 8Page - National Semiconductor (TI) LM3578AM Datasheet HTML 9Page - National Semiconductor (TI) LM3578AM Datasheet HTML 10Page - National Semiconductor (TI) LM3578AM Datasheet HTML 11Page - National Semiconductor (TI) LM3578AM Datasheet HTML 12Page - National Semiconductor (TI) LM3578AM Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Applications Information (Continued)
C.L. SENSE VOLTAGE MULTIPLICATION
When a larger sense resistor value is desired, the voltage
divider network, consisting of R1 and R2, may be used. This
effectively multiplies the sense voltage by (1 + R1/R2). Also,
R1 can be replaced by a diode to increase current limit
sense voltage to about 800 mV (diode V
f + 110 mV).
UNDER-VOLTAGE LOCKOUT
Under-voltage lockout is accomplished with few external
components. When V
in
becomes lower than the zener
breakdown voltage, the output transistor is turned off. This
occurs because diode D1 will then become forward biased,
allowing resistor R3 to sink a greater current from the non-
inverting input than is sunk by the parallel combination of R1
and R2 at the inverting terminal. R3 should be one-fifth of the
value of R1 and R2 in parallel.
MAXIMUM DUTY CYCLE LIMITING
The maximum duty cycle can be externally limited by adjust-
ing the charge to discharge ratio of the oscillator capacitor
with a single external resistor. Typical values are 50 µA for
the charge current, 450 µA for the discharge current, and a
voltage swing from 200 mV to 750 mV. Therefore, R1 is
selected for the desired charging and discharging slopes
and C1 is readjusted to set the oscillator frequency.
00871117
FIGURE 4. Current Limit Transient Suppressor,
Ground Referred
00871118
FIGURE 5. Current Limit Transient Suppressor,
V
in Referred
00871119
FIGURE 6. Current Limit Sense Voltage Multiplication,
Ground Referred
00871120
FIGURE 7. Current Limit Sense Voltage Multiplication,
V
in Referred
00871122
FIGURE 8. Under-Voltage Lockout
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com