Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3578AM Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3578AM
Description  Switching Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3578AM Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM3578AM Datasheet HTML 6Page - National Semiconductor (TI) LM3578AM Datasheet HTML 7Page - National Semiconductor (TI) LM3578AM Datasheet HTML 8Page - National Semiconductor (TI) LM3578AM Datasheet HTML 9Page - National Semiconductor (TI) LM3578AM Datasheet HTML 10Page - National Semiconductor (TI) LM3578AM Datasheet HTML 11Page - National Semiconductor (TI) LM3578AM Datasheet HTML 12Page - National Semiconductor (TI) LM3578AM Datasheet HTML 13Page - National Semiconductor (TI) LM3578AM Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Applications Information (Continued)
DUTY CYCLE ADJUSTMENT
When manual or mechanical selection of the output transis-
tor’s duty cycle is needed, the cirucit shown below may be
used. The output will turn on with the beginning of each
oscillator cycle and turn off when the current sunk by R2 and
R3 from the non-inverting terminal becomes greater than the
current sunk from the inverting terminal.
With the resistor values as shown, R3 can be used to adjust
the duty cycle from 0% to 90%.
When the sum of R2 and R3 is twice the value of R1, the
duty cycle will be about 50%. C1 may be a large electrolytic
capacitor to lower the oscillator frequency below 1 Hz.
REMOTE SHUTDOWN
The LM2578A may be remotely shutdown by sinking a
greater current from the non-inverting input than from the
inverting input. This may be accomplished by selecting re-
sistor R3 to be approximately one-half the value of R1 and
R2 in parallel.
EMITTER OUTPUT
When the LM2578A output transistor is in the OFF state, if
the Emitter output swings below the ground pin voltage, the
output transistor will turn ON because its base is clamped
near ground. The Collector Current with Emitter Output Be-
low Ground curve shows the amount of Collector current
drawn in this mode, vs temperature and Emitter voltage.
When the Collector-Emitter voltage is high, this current will
cause high power dissipation in the output transistor and
should be avoided.
This situation can occur in the high-current high-voltage
buck application if the Emitter output is used and the catch
diode’s forward voltage drop is greater than 0.6V. A fast-
recovery diode can be added in series with the Emitter
output to counter the forward voltage drop of the catch diode
(see Figure 2). For better efficiency of a high output current
buck regulator, an external PNP transistor should be used as
shown in Figure 16.
SYNCHRONIZING DEVICES
When several devices are to be operated at once, their
oscillators may be synchronized by the application of an
external signal. This drive signal should be a pulse waveform
with a minimum pulse width of 2 µs. and an amplitude from
00871121
FIGURE 9. Maximum Duty Cycle Limiting
00871123
FIGURE 10. Duty Cycle Adjustment
00871124
FIGURE 11. Shutdown Occurs when V
L is High
00871130
FIGURE 12. D1 Prevents Output Transistor from
Improperly Turning ON due to D2’s Forward Voltage
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com