Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT5520 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PLT5520
Description  SFH5711
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5520 Datasheet(HTML) 1 Page - OSRAM GmbH

  PLT5520 Datasheet HTML 1Page - OSRAM GmbH PLT5520 Datasheet HTML 2Page - OSRAM GmbH PLT5520 Datasheet HTML 3Page - OSRAM GmbH PLT5520 Datasheet HTML 4Page - OSRAM GmbH PLT5520 Datasheet HTML 5Page - OSRAM GmbH PLT5520 Datasheet HTML 6Page - OSRAM GmbH PLT5520 Datasheet HTML 7Page - OSRAM GmbH PLT5520 Datasheet HTML 8Page - OSRAM GmbH PLT5520 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
23.05.2017
1
DRAFT - This design is for Reference only. Subject to change –
may be necessary in a limited number of cases.
ATTENTION – Observe Precautions For Handling – Electrostatic Sensitive Device
Green Laser Diode in TO56 Package
Version 0.3
PLT5 520
Features
•
Optical output power (continuous wave): 30 / 50 mW (Tcase = 25 °C)
•
Typical emission wavelength: 520 nm
•
Efficient radiation source for cw and pulsed operation
•
Single transverse mode semiconductor laser
•
High modulation bandwidth
•
TO56 package with photo diode
Applications
•
Laser projection
•
Laser shows
•
Biomedical Applications
•
Metrology
Safety Advice
Depending on the mode of operation, these devices emit highly concentrated visible light which can be
hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions found in IEC 60825-1 “Safety of laser products”.


Similar Part No. - PLT5520

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT5520-B1-2-3 OSRAM-PLT5520-B1-2-3 Datasheet
408Kb / 9P
Green Laser Diode in TO56 Package
PLT5520B OSRAM-PLT5520B Datasheet
1Mb / 16P
Health Monitoring (Heart Rate Monitoring, Pulse Oximetry)
PLT5520DB_P OSRAM-PLT5520DB_P Datasheet
2Mb / 19P
Metal Can TO56 Green Laser Diode in TO56 Package
Version 1.0 2024-01-30
PLT5520EA_P OSRAM-PLT5520EA_P Datasheet
1Mb / 16P
Architecture / Garden Lighting (LED & Laser)
PLT5520EB_P OSRAM-PLT5520EB_P Datasheet
2Mb / 18P
Metal Can TO56 Green Laser Diode in TO56 Package
Version 0.1 2023-06-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com