Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT5520 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # PLT5520
Description  SFH5711
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5520 Datasheet(HTML) 3 Page - OSRAM GmbH

  PLT5520 Datasheet HTML 1Page - OSRAM GmbH PLT5520 Datasheet HTML 2Page - OSRAM GmbH PLT5520 Datasheet HTML 3Page - OSRAM GmbH PLT5520 Datasheet HTML 4Page - OSRAM GmbH PLT5520 Datasheet HTML 5Page - OSRAM GmbH PLT5520 Datasheet HTML 6Page - OSRAM GmbH PLT5520 Datasheet HTML 7Page - OSRAM GmbH PLT5520 Datasheet HTML 8Page - OSRAM GmbH PLT5520 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Version 0.3
PLT5 520
23.05.2017
3
DRAFT - This design is for Reference only. Subject to change –
may be necessary in a limited number of cases.
Laser Characteristics (Tcase = 25 °C)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Emission Wavelength1) 2) 3)
1) Standard operating conditions refer to a continuous wave output power of Popt = 50 mW (B1-B3) and Popt = 30 mW
(B4-B6).
2) Popt, λpeak, and VF is measured with an internal reproducibility of ±7%, ±0.3 nm, and ±0.05 V, respectively (acc. to
GUM with a coverage factor of k = 3).
3) Monitor current refers to a reverse voltage of V = 5 V.
B1; B4
B2; B5
B3; B6
λpeak
510
515
520
515
520
530
nm
nm
nm
Spectral Width (FWHM) 1)
Δλ
–2–
nm
Threshold Current
B1-B3
B4-B6
Ith
45
50
75
75
mA
mA
Operating Current 1) 2)
B1-B3
B4-B6
IF
125
100
160
140
mA
mA
Operating Voltage 1) 2)
B1-B3
B4-B6
VF
6.9
6.5
8.0
8.0
V
V
Beam Divergence (FWHM) 1)
θx
θ
5 x
19
7 x
22
9 x
25
deg
Polarization 1)
Pgr
100:1
Modulation Frequency
f
>100
MHz
Thermal resistance (junction to case)
Rth
–34–
K/W
Monitor current 1) 3)
Im
–90–
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com