Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9540 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH9540
Description  Slotted Interrupter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9540 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH9540 Datasheet HTML 1Page - OSRAM GmbH SFH9540 Datasheet HTML 2Page - OSRAM GmbH SFH9540 Datasheet HTML 3Page - OSRAM GmbH SFH9540 Datasheet HTML 4Page - OSRAM GmbH SFH9540 Datasheet HTML 5Page - OSRAM GmbH SFH9540 Datasheet HTML 6Page - OSRAM GmbH SFH9540 Datasheet HTML 7Page - OSRAM GmbH SFH9540 Datasheet HTML 8Page - OSRAM GmbH SFH9540 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2015-12-23
2
Version 1.3
SFH 9540
Maximum Ratings (TA = 25 °C)
Characteristics (T
A = 25 °C)
Parameter
Symbol
Values
Unit
Emitter
Reverse voltage
V
R
5
V
Forward current
I
F
60
mA
Power consumption
P
tot
100
mW
Thermal resistance junction - ambient
1) page 10
RthJA
350
K / W
Detector
Collector-emitter voltage
VCE
30
V
Collector-emitter voltage
(t ≤ 2 min)
VCE
70
V
Emitter-collector voltage
V
EC
7
V
Collector current
I
C
50
mA
Total Power dissipation
P
tot
150
mW
Thermal resistance junction - ambient
1) page 10
RthJA
350
K / W
Slotted Interrupter
Operation temperature range
Top
-40 ... 85
°C
Storage temperature range
Tstg
-40 ... 85
°C
Electrostatic discharge
VESD
2
kV
Thermal resistance junction - ambient
R
thJA
350
K / W
Parameter
Symbol
Values
Unit
Emitter
Peak wavelength
(IF = 20 mA, tp = 20 ms)
(typ)
λpeak
950
nm
Forward voltage
(IF = 20 mA, tP = 20 ms)
(typ (max)) VF
1.3 (≤ 1.6)
V
Reverse current
(V
R = 5 V)
I
R
not designed for
reverse operation
µA
Detector
Wavelength of max. sensitivity
(typ)
λS max
920
nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com