Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH9540 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH9540
Description  Slotted Interrupter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9540 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH9540 Datasheet HTML 1Page - OSRAM GmbH SFH9540 Datasheet HTML 2Page - OSRAM GmbH SFH9540 Datasheet HTML 3Page - OSRAM GmbH SFH9540 Datasheet HTML 4Page - OSRAM GmbH SFH9540 Datasheet HTML 5Page - OSRAM GmbH SFH9540 Datasheet HTML 6Page - OSRAM GmbH SFH9540 Datasheet HTML 7Page - OSRAM GmbH SFH9540 Datasheet HTML 8Page - OSRAM GmbH SFH9540 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Version 1.3
SFH 9540
2015-12-23
3
Spectral range of sensitivity
(typ)
λ10%
(typ) 840
... 1080
nm
Capacitance
(V
CE = 0 V, f = 1 MHz, E = 0)
(typ)
C
CE
6.5
pF
Dark current
(VCE = 20 V)
(typ (max)) I
CE0
2 (≤ 50)
nA
Interrupter
Collector-emitter current
(I
F = 20 mA, VCE = 5 V)
(min)
IPCE
1000
µA
Collector-emitter saturation voltage
(I
F = 20 mA, IC = 0.3 mA)
V
CEsat
≤ 400
mV
Switching Times
Rise time
(VCC = 5 V, IC = 1 mA, RL = 1 kΩ)
(typ)
tr
13
µs
Fall time
(V
CC = 5 V, IC = 1 mA, RL = 1 kΩ)
(typ)
tf
17
µs
Forward Current 2) page 10
IF = f(VF), single pulse, tp = 100 µs, TA = 25°C
Max. Permissible Forward Current
IF, max = f(TA), RthJA = 350 K / W
Parameter
Symbol
Values
Unit
0
I
OHF05642
F
VF
mA
V
10
2
3
10
0
10
1
10
1
2
3
4
0
0
˚C
TA
F
I
mA
OHF05670
20
40
60
80
100
10
20
30
40
50
60
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com