Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLDS90 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SPLDS90
Description  Nanostack Pulsed Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLDS90 Datasheet(HTML) 2 Page - OSRAM GmbH

  SPLDS90_3 Datasheet HTML 1Page - OSRAM GmbH SPLDS90_3 Datasheet HTML 2Page - OSRAM GmbH SPLDS90_3 Datasheet HTML 3Page - OSRAM GmbH SPLDS90_3 Datasheet HTML 4Page - OSRAM GmbH SPLDS90_3 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2016-01-26
2
Version 1.1
SPL DS90_3
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
min
typ
max
Number of vertically stacked emitters
3
Standard pulse center wavelength
λ
pulse
897
903
909
nm
Threshold current
I
th
0.55
0.7
A
Differential efficiency
η
3.5
3.7
W / A
Aperture size
w x h
200
x 10
µm x
µm
Beam divergence (FWHM) perpendicular to
pn-junction
Θ
25
30
°
Beam divergence (FWHM) parallel to pn-junction
Θ||
10
°
Differential series resistance
R
s
0.32
0.4
Characteristic temperature (threshold) 1) page 4
T
0
100
115
K
Note:
All characteristics and limitations refer to pulsed measurements (1µs pulse wifth at 1kHz repetition rate) on
unmounted laser dice. For exemplary characteristicals of laser operation in plastic package see datasheet
SPL PL90_3.
Chip Outlines (Dimensions in mm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com