Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPLDS90 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SPLDS90
Description  Nanostack Pulsed Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLDS90 Datasheet(HTML) 1 Page - OSRAM GmbH

  SPLDS90_3 Datasheet HTML 1Page - OSRAM GmbH SPLDS90_3 Datasheet HTML 2Page - OSRAM GmbH SPLDS90_3 Datasheet HTML 3Page - OSRAM GmbH SPLDS90_3 Datasheet HTML 4Page - OSRAM GmbH SPLDS90_3 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2016-01-26
1
2016-01-26
Nanostack Pulsed Laser Diode
Version 1.1
SPL DS90_3
Ordering Information
Features:
•
Reliable strained InGaAs/GaAs material
•
High power large-optical-cavity structure
•
Nanostack laser technology including multiple epitaxially stacked emitters
•
Laser aperture 200 µm × 10 µm
Applications
•
Range finding
•
Security, surveillance
•
Illumination, ignition
•
Testing and measuring applications
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Peak wavelength
Ordering Code
(typ) λ
peak
SPL DS90_3
903
Q65111A5640


Similar Part No. - SPLDS90_3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLDS90-3 OSRAM-SPLDS90-3 Datasheet
203Kb / 7P
Nanostack Impuls - Laserdiode
More results

Similar Description - SPLDS90_3

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLAH90 OSRAM-SPLAH90_3 Datasheet
277Kb / 8P
Nanostack Pulsed Laser Diode Array 75 W Peak Power
logo
Roithner LaserTechnik G...
RLT415-200PMG ROITHNER-RLT415-200PMG Datasheet
85Kb / 2P
Violet Pulsed Laser Diode
LDMP-1550-020W-91 ROITHNER-LDMP-1550-020W-91 Datasheet
388Kb / 3P
Pulsed Infrared Laser Diode
logo
Rochester Electronics
PLD850-10-MG ROCHESTER-PLD850-10-MG Datasheet
122Kb / 1P
MOCVD Pulsed Laser Diode
PLD904-4-T ROCHESTER-PLD904-4-T Datasheet
214Kb / 2P
Pulsed Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT1610-100MPG ROITHNER-RLT1610-100MPG Datasheet
58Kb / 1P
Pulsed Infrared Laser Diode
logo
Hamamatsu Corporation
L6690-53 HAMAMATSU-L6690-53_15 Datasheet
1Mb / 2P
PULSED LASER DIODE
logo
OSRAM GmbH
SPLPL90_3 OSRAM-SPLPL90_3_15 Datasheet
202Kb / 6P
Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
logo
ams AG
SPLDS90A AMSCO-SPLDS90A_3 Datasheet
592Kb / 12P
Chip Nanostack Pulsed Laser Diode
Version 1.4 2021-06-30
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com