Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMC802B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SPMC802B
Description  32-pin General Purpose Microcontroller (OTP)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPMC802B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SPMC802B Datasheet HTML 4Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 5Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 6Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 7Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 8Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 9Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 10Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 11Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SPMC802B
In SPMC802B, the output mode on PB2 and PB1 can be an
open-drain pin with slow transition by program. To achieve the
slow transition function, programming the bit slowe in RPA to '1'
will enforce the output high to low transition time to 250ns
± 20%
with 50pf pad loading at 2.0MHz CPU frequency.
PB7 can be a PWM waveform output. PB6 can be an external
clock or event input for Timer2. PB5 is used as external interrupt
input with falling-edge trigger.
PB4 can be used as external
active-low reset input by enabling the configurable option. PB0
can be reference voltage input for Comparator function. In case
of using PB0 as external reference voltage input, the resistive
pull-up/down should be disabled. The more details are described
in related sections.
The corresponding pads are assigned for SPMC802B as following: (VDD = 5.0V)
PIN
Rp
IN
OUT
Special Function
PB7
100K Up/Down@rpb7
8/8mA
PWM waveform output
PB6
100K Up/Down@rpb6
8/8mA
External clock/event input
PB5
No Pull-Up/Down
Schmitt-Trigger
-/8mA
IRQ0 interrupt input
PB4
100K Up@rpb4
Schmitt-Trigger
8/8mA
External nRESET input
PB3
100K Up/Down@rpb3
8/8mA
PB2
100K Up@rpb2
-/20mA
PB1
100K Up@rpb1
-/20mA
PB0
100K Up/Down@rpb0
8/8mA
Comparator Vref input
5.3. Port C Group
The I/O port C has 8 programmable I/Os that are controlled by
data register PC, direction control register DPC, and pull-up/down
resistance control register RPC. DPC is used to control the pad
I/O attribute.
Setting the bit(s) to '1' will enforce the
corresponding pad(s) to output mode. It is a write-only register.
PC is used to store the data contents for output. Reading PC will
get the stored data when corresponding bit of DPC is set as output
mode, or will get the pad status if it is in input mode.
There is a built-in Pull-Up/Down resistor on each pad. These
pull-up/down resistors should be selected either pull-up or
pull-down by configurable option first, and then can be controlled
by users' program through RPC.
PC7:0 are used as external interrupt inputs. The more details are
described in section Interrupt.
The corresponding pads are assigned for SPMC802B as following: (VDD = 5.0V)
PIN
Rp
IN
OUT
Special Function
PC7
100K Up/Down@rpc7
8/8mA
IRQ2 interrupt input
PC6
100K Up/Down@rpc6
8/8mA
IRQ2 interrupt input
PC5
100K Up/Down@rpc5
8/8mA
IRQ2 interrupt input
PC4
100K Up/Down@rpc4
8/8mA
IRQ2 interrupt input
PC3
100K Up/Down@rpc3
8/8mA
IRQ2 interrupt input
PC2
100K Up/Down@rpc2
8/8mA
IRQ2 interrupt input
PC1
100K Up/Down@rpc1
8/8mA
IRQ2 interrupt input
PC0
100K Up/Down@rpc0
8/8mA
IRQ2 interrupt input
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
8
AUG. 07, 2002
Version: 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com