Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMC802B Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # SPMC802B
Description  32-pin General Purpose Microcontroller (OTP)
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPMC802B Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button SPMC802B Datasheet HTML 9Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 10Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 11Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 12Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 13Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 14Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 15Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 16Page - List of Unclassifed Manufacturers SPMC802B Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
SPMC802B
Mnemonic
Description
Symbol
Min.
Typ.
Max.
Unit
Condition
VIL
-
-
0.8
V
8mA Open-Drain Output
IOL
8.0
-
-
mA
VOL = 0.5V
VIH
2.0
-
-
V
VIL
-
-
0.8
V
IOH
8.0
-
-
mA
VOH = 2.4V
IOL
8.0
-
-
mA
VOL = 0.5V
PB4
Input with Schmitt Trigger with
Pull-Up R
8mA Output
RP
70
100
130
K
Ω
VIN = VSS = 0V
VIH
3.5
-
-
V
VIL
-
-
1.4
V
IOL
20
-
-
mA
VOL = 0.5V
PB2:1
Input with Pull-Up R
20mA Open-Drain Output
IP
-
50
-
µA
VIN = VSS = 0V
VIH
3.5
-
-
V
VIL
-
-
1.4
V
IOH
8.0
-
-
mA
VOH = 2.4V
IOL
8.0
-
-
mA
VOL = 0.5V
PD3:0
Input with Pull-Up R
8mA Output
IP
-
50
-
µA
VIN = VSS = 0V
All
I/O Port Hi-Z Leakage
IZ
-
-
10
µA
RP inactive
Threshold Voltage
VLVR
2.1
2.2
2.3
V
Enable option
LVR
Operating Current
ILVR
-
20
-
µA
Input Hysteresis Voltage
VHYS
-
30
-
mV
Input Common Mode Voltage
VICM
0.2
-
VDD -0.2
V
CMRR
CMRR
50
-
-
dB
Response Time**
tCV
-
-
400
ns
Compare Mode Change to
Output Valid***
tCON
-
-
10
µs
Compare
Operating Current
ICMP
-
-
10
µA
per Channel
Note1: *The frequency defined in this item is based on the CPU frequency. It is one-half of the oscillation frequency.
Note2: ** Response time measured with one comparator input at VDD/2, while the other input transitions from VSS to VDD.
Note3: *** tCON measured with Compare mode enable to output valid, while the internal reference voltage is selected from disable to enable and same setup of
comparator inputs as the item tCV.
© Sunplus Technology Co., Ltd.
Proprietary & Confidential
13
AUG. 07, 2002
Version: 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com