Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL1002 Datasheet(PDF) 13 Page - Micronas

Part # HAL1002
Description  Highly Precise Programmable Hall-Effect Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1002 Datasheet(HTML) 13 Page - Micronas

Back Button HAL1002 Datasheet HTML 9Page - Micronas HAL1002 Datasheet HTML 10Page - Micronas HAL1002 Datasheet HTML 11Page - Micronas HAL1002 Datasheet HTML 12Page - Micronas HAL1002 Datasheet HTML 13Page - Micronas HAL1002 Datasheet HTML 14Page - Micronas HAL1002 Datasheet HTML 15Page - Micronas HAL1002 Datasheet HTML 16Page - Micronas HAL1002 Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
DATA SHEET
HAL 1002
Micronas
April 25, 2014; DSH000163_001EN
13
By pressing the key “calibrate and store”, the software
will
calculate
the
corresponding
parameters
for
Sensitivity, VOQ, Low-Level, High-Level and stores
these values in the EEPROM.
This calibration must be done individually for each
sensor.
The sensor is now calibrated for the customer
application.
However,
the
programming
can
be
changed again and again if necessary.
Fig. 3–1: Characteristics of a position switch
Step 3: Locking the Sensor
The last step is activating the LOCK function with the
“lock” key. The sensor is now locked and does not
respond to any programming or reading commands.
Warning: The LOCK register cannot be reset!
3.5. Example: Calibration of a Position Switch
The following description explains the calibration
procedure using a position switch as an example:
– The mechanical switching points are given.
– temperature coefficient of the magnet:
500 ppm/K
Step 1: Input of the registers which need not be
adjusted individually
The register values for the following registers are given
for all sensors in the application:
–FILTER
Select the filter frequency: 500 Hz
–RANGE
Select the magnetic field range: 30 mT
–TC
For this magnetic material: 6
–TCSQ
For this magnetic material: 14
Enter these values in the software and use the “write
and
store”
command
to
store
these
values
permanently in the registers.
Step 2: Calculation of the Sensor Parameters
Set the system to the calibration point where the
sensor output must be high and press “Readout BOFF”.
Set the system to the calibration point where the
sensor output must be low and press “Readout BON”.
Now, adjust the hysteresis to 80% and press the key
“calibrate and store”.
Step 3: Locking the Sensor
The last step is activating the LOCK function with the
“LOCK” command. The sensor is now locked and does
not
respond
to
any
programming
or
reading
commands. Please note that the LOCK function
becomes effective after power-down and power-up of
the Hall-IC.
Warning: The LOCK register cannot be reset!
Sensor
switched on
VOUT
position
Sensor
switched off
Calibration points
Sensor
switched on
Hysteresis
(here 80 %)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com