Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL1002 Datasheet(PDF) 21 Page - Micronas

Part # HAL1002
Description  Highly Precise Programmable Hall-Effect Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL1002 Datasheet(HTML) 21 Page - Micronas

Back Button HAL1002 Datasheet HTML 17Page - Micronas HAL1002 Datasheet HTML 18Page - Micronas HAL1002 Datasheet HTML 19Page - Micronas HAL1002 Datasheet HTML 20Page - Micronas HAL1002 Datasheet HTML 21Page - Micronas HAL1002 Datasheet HTML 22Page - Micronas HAL1002 Datasheet HTML 23Page - Micronas HAL1002 Datasheet HTML 24Page - Micronas HAL1002 Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DATA SHEET
HAL 1002
Micronas
April 25, 2014; DSH000163_001EN
21
Note: The above table shows only some approximate
values. Micronas recommends to use the TC-
Calc software to find optimal settings for temper-
ature coefficients. Please contact Micronas for
more detailed information.
5.3. Ambient Temperature
Due to the internal power dissipation, the temperature
on the silicon chip (junction temperature TJ) is higher
than the temperature outside the package (ambient
temperature TA).
At static conditions and continuous operation, the fol-
lowing equation applies:
For typical values, use the typical parameters. For
worst case calculation, use the max. parameters for
ISUP and Rth, and the max. value for VSUP from the
application.
For VSUP = 5.5 V, Rth = 235 K/W, and ISUP = 10 mA,
the temperature difference
T = 12.93 K.
For all sensors, the junction temperature TJ is speci-
fied. The maximum ambient temperature TAmax can be
calculated as:
5.4. EMC and ESD
Please contact Micronas for the detailed investigation
reports with the EMC and ESD results.
1100
2
16
2
1200
2
12
5
1300
2
12
0
1400
2
8
3
1500
2
4
7
1600
2
4
1
1700
2
0
6
1800
0
31
6
1900
0
28
7
2000
0
28
2
2100
0
24
6
2200
0
24
1
2400
0
20
0
2500
0
16
5
2600
0
14
5
2800
0
12
1
2900
0
8
6
3000
0
8
3
3100
0
4
7
3300
0
4
1
3500
0
0
4
Temperature
Coefficient of
Magnet (ppm/K)
TC-Range
TC
TCSQ
T
J
T
A
T
+
=
T
I
SUP
V
SUP
R
thJ
=
T
Amax
T
Jmax
T
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com