Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7022A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7022A
Description  2.2V Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7022A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7022A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Block Diagram
N Channel Open Drain Output (Normal Open; Active Low)
A Type
Pin Assignment
HT7022A
Rev. 1.10
2
April 20, 2004
G N D
V O U T
V D D
V R E F
V O U T
V I N
V D E T
V H Y S
V D E T ´ 1 . 0 5
D a s h l i n e
S o l i d l i n e
V I N f r o m L O ® H I
V I N f r o m H I ® L O
O U T V D D V S S
H T 7 0 2 2 A
T O - 9 2
O U T
V D D
V S S
S O T - 8 9
F r o n t V i e w
B o t t o m V i e w
H T 7 0 2 2 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com