Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7022A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7022A
Description  2.2V Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7022A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7022A Datasheet HTML 1Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 2Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 3Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 4Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 5Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 6Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 7Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 8Page - Holtek Semiconductor Inc HT7022A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pad Assignment
Chip size: 2032
´ 1321 (mm)2
* The IC substrate should be connected to VDD in the PCB layout artwork.
Pad Coordinates
Unit:
mm
Pad No.
X
Y
1
-434.34
394.97
2
120.65
461.01
3
774.70
412.75
Absolute Maximum Ratings
Supply Voltage ............................VSS
-0.3V to VSS+13V
Output Voltage ...........................VSS
-0.3V to VDD+0.3V
Output Current......................................................50mA
Storage Temperature ............................
-50°Cto125°C
Power Consumption ..........................................200mW
Operating Temperature...........................
-40°Cto85°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDET
Hi
®Lo Detectable Voltage
¾¾
2.09
2.2
2.31
V
Lo
®Hi Detectable Voltage
¾¾
2.132
2.31
2.541
V
VHYS
Hysteresis Width
¾¾
0.02VDET
0.05VDET
0.1VDET
V
IDD
Operating Current
3.2V
No load
¾
1.8
4
mA
VDD
Operating Voltage
¾¾
1.6
¾
12
V
IOL
Output Sink Current
2V
VOUT=0.2V
0.5
1
¾
mA
D
D
V
T
DET
a
Temperature Coefficient
¾
0
°C<Ta<70°C
¾±0.9
¾
mV/
°C
HT7022A
Rev. 1.10
3
April 20, 2004
1
2
3
( 0 , 0 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com