Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB83340 Datasheet(PDF) 5 Page - SMSC Corporation

Part # USB83340
Description  Automotive USB Transceiver withVariable Voltage ULPI and Selectable Reference Frequency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB83340 Datasheet(HTML) 5 Page - SMSC Corporation

  USB83340 Datasheet HTML 1Page - SMSC Corporation USB83340 Datasheet HTML 2Page - SMSC Corporation USB83340 Datasheet HTML 3Page - SMSC Corporation USB83340 Datasheet HTML 4Page - SMSC Corporation USB83340 Datasheet HTML 5Page - SMSC Corporation USB83340 Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Automotive USB Transceiver with Variable Voltage ULPI and Selectable Reference Frequency
SMSC USB83340
5
Revision 1.1 (05-05-10)
PRODUCT PREVIEW
Package Outline
The USB83340 is offered in a compact 32-pin lead-free QFN package.
Table 1 32 Terminal QFN Package Parameters
Notes:
1. All dimensions are in millimeters unless otherwise noted.
2. Dimension “b” applies to plated terminals and is measured between 0.15 and 0.30 mm from the
terminal tip.
3. The pin 1 identifier may vary, but is always located within the zone indicated.
MIN
NOMINAL
MAX
REMARKS
A
0.80
0.85
0.90
Overall Package Height
A1
0.00
0.01
0.05
Standoff
A2
0.60
0.65
0.70
Mold Thickness
D/E
4.90
5.00
5.10
X/Y Overall Size
D1/E1
4.65
4.75
4.85
X/Y Mold Cap Size
D2/E2
3.20
3.3
3.40
X/Y Exposed Pad Size
L
0.30
0.40
0.50
Terminal Length
e
0.50 BSC
Terminal Pitch
b
0.18
0.23
0.30
Terminal Width
k
0.25
-
-
Terminal to Exposed Pad Clearance



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com