Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB83340 Datasheet(PDF) 1 Page - SMSC Corporation

Part # USB83340
Description  Automotive USB Transceiver withVariable Voltage ULPI and Selectable Reference Frequency
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB83340 Datasheet(HTML) 1 Page - SMSC Corporation

  USB83340 Datasheet HTML 1Page - SMSC Corporation USB83340 Datasheet HTML 2Page - SMSC Corporation USB83340 Datasheet HTML 3Page - SMSC Corporation USB83340 Datasheet HTML 4Page - SMSC Corporation USB83340 Datasheet HTML 5Page - SMSC Corporation USB83340 Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
PRODUCT FEATURES
SMSC USB83340
Revision 1.1 (05-05-10)
PRODUCT PREVIEW
USB83340
Highlights
SMSC TrueAuto™ automotive quality process
USB-IF Battery Charging 1.1 specification compliant
Link Power Management (LPM) compliant
Integrated ESD protection circuits
Over-Voltage Protection circuit (OVP) protects the
VBUS pin from continuous DC voltages up to 30 V
Integrated USB Switch
— No degradation of Hi-Speed electrical characteristics
— Allows single USB port of connection by providing
switching function for:
– Battery charging
– Stereo and mono/mic audio
– USB Full-Speed/Low-Speed data
flexPWR® Technology
— Extremely low current design ideal for battery powered
applications
— “Sleep” mode tri-states all ULPI pins and places the
part in a low current state
— 1.8 V to 3.3 V IO voltage
Single power supply operation
— Integrated 1.8 V regulator
— Integrated battery to 3.3 V regulator
– 100 mV dropout voltage
PHYBoost
— Programmable USB transceiver drive strength for
recovering signal integrity
VariSenseTM
— Programmable USB receiver sensitivity
“Wrapper-less” design for optimal timing performance
and design ease
— Low Latency Hi-Speed Receiver (43 Hi-Speed clocks
max) allows use of legacy UTMI Links with an ULPI bridge
External reference clock operation available
— ULPI Clock In Mode (60 MHz sourced by Link)
— 0 to 3.6 V input drive tolerant
— Able to accept “noisy” clock sources as reference to
internal, low-jitter PLL
— Support of multiple frequencies
— Crystal / resonator support
Smart detection circuits allow identification of USB
charger, headset, or data cable insertion
Full support for the optional On-The-Go (OTG)
protocol detailed in the On-The-Go Supplement
Revision 2.0 specification
— Support of the OTG Host Negotiation Protocol (HNP)
and Session Request Protocol (SRP)
UART mode for non-USB serial data transfers
Internal 5 V cable short-circuit protection of ID, DP
and DM lines to VBUS or ground
Environmental
— Automotive grade A temp. support (-40 to +105 °C)
Packaging
— 32-pin, QFN lead-free, RoHS-compliant package
Target Applications
The USB83340 is the solution of choice for any
application where an automotive Hi-Speed USB
connection is desired and when board space, power,
and interface pins must be minimized.
The USB83340 is well suited for:
In-vehicle USB host implementation
Infotainment test interface
Automotive head unit
Portable device charging via USB
Rear seat infotainment access
Internal connectivity bus
Isolate high value SoCs from the outside world
Automotive USB Transceiver with
Variable Voltage ULPI and
Selectable Reference Frequency


Similar Part No. - USB83340

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB82640 MICROCHIP-USB82640 Datasheet
1Mb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB82640AM-D-000727 MICROCHIP-USB82640AM-D-000727 Datasheet
1Mb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB82640AMR-D-000527 MICROCHIP-USB82640AMR-D-000527 Datasheet
1Mb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
01/27/15
USB82642 MICROCHIP-USB82642 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
USB82642AM-A-000528-V02 MICROCHIP-USB82642AM-A-000528-V02 Datasheet
707Kb / 64P
Automotive USB 2.0 Hub and Flash Media Card Controller Combo
02/28/20
More results

Similar Description - USB83340

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3311 SMSC-USB3311 Datasheet
433Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 26MHz Reference Clock
USB3316 SMSC-USB3316 Datasheet
641Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
USB3319 SMSC-USB3319 Datasheet
328Kb / 12P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 13MHz Reference Clock
logo
STMicroelectronics
STULPI01A STMICROELECTRONICS-STULPI01A Datasheet
96Kb / 6P
HS USB ULPI transceiver
31-Aug-2007
logo
NXP Semiconductors
ISP1505C NXP-ISP1505C Datasheet
393Kb / 76P
ULPI Hi-Speed USB host and peripheral transceiver
Rev. 03-26 August 2008
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
logo
Cypress Semiconductor
CY7C68003 CYPRESS-CY7C68003 Datasheet
160Kb / 5P
MoBL-USB TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003_10 Datasheet
652Kb / 27P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
CY7C68003 CYPRESS-CY7C68003_13 Datasheet
673Kb / 30P
MoBL-USB??TX2UL USB 2.0 ULPI Transceiver
logo
Microchip Technology
USB3316C-GJ-TR MICROCHIP-USB3316C-GJ-TR Datasheet
608Kb / 13P
Hi-Speed USB Transceiver with 1.8V ULPI Interface - 19.2MHz Reference Clock
Revision 2.1 06-10-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com