Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCSS Datasheet(PDF) 1 Page - Central Technologies

Part # CTCSS
Description  Metal Alloy Current Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCSS Datasheet(HTML) 1 Page - Central Technologies

  CTCSS Datasheet HTML 1Page - Central Technologies CTCSS Datasheet HTML 2Page - Central Technologies CTCSS Datasheet HTML 3Page - Central Technologies CTCSS Datasheet HTML 4Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.27.17
Metal Alloy Current Sensors
www.ctparts.com
CTCSS
Series
CONFIGURATION AND DIMENSIONS
Not Shown at Actual Size
CHARACTERISTICS
Description: Metal Alloy Current Sensors
Features:
•
LOW T.C.R.
•
Wide Resistance range
•
Short time over load for 5 seconds
•
High Surge Power
•
RoHS, PFOS, PFOA, Halogen Free and REACH Compliant
•
Anti-sulfurated
Operating Temperature: -55°C to +170°C
Applications: Power Converter, Overload Protection, Linear Motor Control,
SwitchingConverter,PowerAmplifier,RFTotalPower
Samples available. See website for ordering information.
PRODUCT IDENTIFICATION
CTCSS
3921
4
R001XX
F
Product Series
Dimensions Code
(Inch)
Rated
Power
Resistance
(6 Digits)
Tolerance
Metal Alloy
3921
2=2.0W
R001XX=1mΩ
F=±1%
Low Resistance
5931
3=3.0W
R002XX=2mΩ
G=±2%
Shunt Resistor
4=4.0W
R003XX=3mΩ
J=±5%
5=5.0W
R005XX=5mΩ
6=6.0W
R00002=0.2mΩ
7=7.0W
R00005=0.5mΩ
9=9.0W
10=10W
CTCSS3921/5931
Type
Maximum Power
Rating
(Watts)
Resistance Range
(mΩ)
Dimensions - in Inches (millimeters)
L
W
H
b
t
CTCSS3921
9
0.2
0.394±0.01
(10±0.254)
0.205±0.01
(5.2±0.254)
0.0197±0.004
(0.5±0.1)
0.0787±0.024
(2±0.6)
0.051±0.006(1.3±0.15)
9
0.3
0.051±0.006(1.3±0.15)
5
0
0.039±0.006(1.0±0.15)
5
0.2
0.051±0.006(1.3±0.15)
5
0.3
0.051±0.006(1.3±0.15)
5
0.5
0.033±0.006(0.88±0.15)
4
1
0.017±0.006(0.43±0.15)
4
2
0.027±0.006(0.69±0.15)
3
3
0.017±0.006(0.43±0.15)
3
4
0.014±0.006(0.35±0.15)
2
5
0.014±0.006(0.35±0.15)


Similar Part No. - CTCSS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTCS MSYSTEM-CTCS Datasheet
189Kb / 6P
Plug-in Signal Conditioners M-UNIT
logo
Central Technologies
CTCSC CT-CTCSC Datasheet
440Kb / 5P
Metal Alloy Current Sensors
CTCSC1206 CT-CTCSC1206 Datasheet
440Kb / 5P
Metal Alloy Current Sensors
CTCSC2010 CT-CTCSC2010 Datasheet
440Kb / 5P
Metal Alloy Current Sensors
CTCSC2512 CT-CTCSC2512 Datasheet
440Kb / 5P
Metal Alloy Current Sensors
More results

Similar Description - CTCSS

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MCS1632R010FER OHMITE-MCS1632R010FER Datasheet
196Kb / 1P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
MERITEK ELECTRONICS COR...
MLR MERITEK-MLR Datasheet
191Kb / 4P
Metal Alloy Low-Ohmic Current Sensing Resistor
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
Metal Alloy Current Sense Resistor
logo
TOKO, Inc
DFE201612C TOKO-DFE201612C Datasheet
76Kb / 1P
Metal Alloy Inductors
DFE252010P TOKO-DFE252010P Datasheet
186Kb / 1P
Metal Alloy Inductors
FCUL1040 TOKO-FCUL1040 Datasheet
106Kb / 1P
Metal Alloy Inductors
logo
Central Technologies
CTCSC CT-CTCSC Datasheet
440Kb / 5P
Metal Alloy Current Sensors
CTCSE CT-CTCSE Datasheet
470Kb / 4P
Metal Alloy Current Sensors
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS_18 Datasheet
542Kb / 2P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
Stackpole Electronics, ...
CSSK SEI-CSSK Datasheet
348Kb / 5P
Kelvin Termination Metal Alloy Current Sensing Resistor
3/29/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com