Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSK Datasheet (PDF) - Stackpole Electronics, Inc.

CSSK Datasheet PDF - Stackpole Electronics, Inc.
Part # CSSK
Download  CSSK Download
File Size   348.1 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Kelvin Termination Metal Alloy Current Sensing Resistor

CSSK Datasheet (PDF)

Go To PDF Page Download Datasheet
CSSK Datasheet PDF - Stackpole Electronics, Inc.

Part # CSSK
Download  CSSK Click to download

File Size   348.1 Kbytes
Page   5 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Kelvin Termination Metal Alloy Current Sensing Resistor

CSSK Datasheet (HTML) - Stackpole Electronics, Inc.


CSSK Product details

Features:
• Metal element current sensing resistor
• Power rating to 3W
• Operation temperature range is -55ºC to +170ºC
• Tolerance available in ± 0.5% to ± 5%
• Insulation resistance over 100MΩ
• Maximum working voltage (V) is (P*R)1/2
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant




Similar Part No. - CSSK

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CSS COPAL-CSS Datasheet
1Mb / 5P
COMPACT SLIDE SWITCHES
logo
Stackpole Electronics, ...
CSS SEI-CSS Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
logo
TT Electronics.
CSS TTELEC-CSS Datasheet
546Kb / 2P
CURRENT SENSE SMT CHIP RESISTOR
logo
CUI INC
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
MAGNETIC BUZZER
CSS-0575A-SMT CUI-CSS-0575A-SMT Datasheet
305Kb / 3P
MAGNETIC BUZZER TRANSDUCER
More results


Similar Description - CSSK

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MLR MERITEK-MLR Datasheet
191Kb / 4P
Metal Alloy Low-Ohmic Current Sensing Resistor
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
Metal Alloy Current Sense Resistor
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSS SEI-CSS Datasheet
530Kb / 13P
Ultra-precision Metal Alloy Current Sensing Chip Resistor
7/29/2022
HCSK SEI-HCSK Datasheet
425Kb / 6P
Kelvin Termination Metal Element Current Shunt Resistor
9/12/2022
logo
C&B ELECTRONICS (SHENZH...
EBWM2512 RESI-EBWM2512 Datasheet
722Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
PEWM3920 RESI-PEWM3920 Datasheet
681Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF2512 RESI-SEWF2512 Datasheet
504Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF3920 RESI-SEWF3920 Datasheet
739Kb / 3P
Precision Trimming-free Alloy Current Sensing Resistor
Date 2022.11.26
SEWF5930 RESI-SEWF5930 Datasheet
578Kb / 2P
Precision Trimming-free Alloy Current Sensing Resistor
2022/11/28
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com