Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSSK Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # CSSK
Description  Kelvin Termination Metal Alloy Current Sensing Resistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSK Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  CSSK Datasheet HTML 1Page - Stackpole Electronics, Inc. CSSK Datasheet HTML 2Page - Stackpole Electronics, Inc. CSSK Datasheet HTML 3Page - Stackpole Electronics, Inc. CSSK Datasheet HTML 4Page - Stackpole Electronics, Inc. CSSK Datasheet HTML 5Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev Date: 3/29/2022
2
www.seielect.com
This specification may be changed at any time without prior notice
.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSSK Series
Kelvin Termination Metal Alloy Current Sensing Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Performance Characteristics (cont.)
CSSK0612
CSSK3637
Biased Humidity
MIL-STD-202
Method 103
1000 hours; 85ºC/85% R.H., 10%
of operating power. Measurement
at 24 ± 4 hours after test
conclusion.
CSSK0612
Temperature Cycle
IEC60115-1-4.19
JIS-C5201-4.19
< ± 1%
-
-55ºC and +155ºC, 300 cycle,
15 minutes per extreme condition.
CSSK3637
Temperature Cycle
JESD22
Method JA-104
-
∆ R/R1 ≤ ±(0.5% + 0.0005Ω)
1000 cycles (-55ºC to + 155ºC).
Measurement at 24 ± 4 hours after
test conclusion. 30 minutes
maximum dwell time at each
temperature extreme.
Resistance to Soldering Heat
IEC60115-1-4.18
JIS-C5201-4.18
260ºC ± 5ºC for 10 ± 1 seconds
2 cycles
Solderability
IEC60115-1-4.17
JIS-C5201-4.17
245ºC ± 5ºC, 2 ± 0.5 seconds
High Temperature Exposure
IEC60115-1-4.23.2
JIS-C5201-4.23.2
∆ R/R1 ≤ ±(2% + 0.0005Ω)
∆ R/R1 ≤ ±(1% + 0.0005Ω)
170ºC, 1000 hours
Low Temperature Storage
IEC60115-1-4.23.4
JIS-C5201-4.23.4
< ± 0.5%
-
-55ºC, 1000 hours
Dielectric Withstanding
Voltage
JIS-C5201-1 4.7
Applied 500VAC for 1 minute.
Core Body Strength
JIS-C5201-1 4.15
Central part pressurizing force: 5N,
10 seconds
Terminal Strength
AEC-Q200-006
Pressurizing force 17.7N for 60
seconds
Moisture Resistance
MIL-STD 202
Method 106
T=24 hours / cycle, 10 cycles.
Steps 7a & 7b not required.
Unpowered.
Substrate Bending
IEC60115-1-4.33
JIS-5201-4.33
Bending once 2mm for 10 seconds
Insulation Resistance
IEC60115-1-4.6
JIS-5201-4.6
> 100MΩ
-
100VDC for 1 minute
∆ R/R1 ≤ ±(0.5% + 0.0005Ω)
∆ R/R1 ≤ ±(0.5% + 0.0005Ω)
Test
Test Method
Test Specification
Test Condition
At least 95% of surface area of electrode shall be covered with
new solder.
No breakage.
Storage temperature: 25ºC ± 5ºC, Humidity: 60% ± 20%
Operating temperature range is -55ºC to +170ºC
∆ R/R1 ≤ ±(0.5% + 0.0005Ω)
∆ R/R1 ≤ ±(0.5% + 0.0005Ω)
∆ R/R1 ≤ ±(0.5% + 0.0005Ω)
∆ R/R1 ≤ ±(0.5% + 0.0005Ω)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com