Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSK Datasheet (PDF) - Stackpole Electronics, Inc.

HCSK Datasheet PDF - Stackpole Electronics, Inc.
Part # HCSK
Download  HCSK Download
File Size   425.86 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Kelvin Termination Metal Element Current Shunt Resistor

HCSK Datasheet (PDF)

Go To PDF Page Download Datasheet
HCSK Datasheet PDF - Stackpole Electronics, Inc.

Part # HCSK
Download  HCSK Click to download

File Size   425.86 Kbytes
Page   6 Pages
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.
Description Kelvin Termination Metal Element Current Shunt Resistor

HCSK Datasheet (HTML) - Stackpole Electronics, Inc.


HCSK Product details

Features:
• Metal element current shunt resistor
• 12W permanent power
• Inductance < 3nH
• Internal heat resistance 15K/W
• AEC-Q200 compliant
• 100% RoHS compliant and lead free without exemption
• Halogen free
• REACH compliant

Applications:
• Power modules
• Frequency converters
• Current sensor for power hybrid sources
• High current handling for automotive engine controls and power management




Similar Part No. - HCSK

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HCS SEI-HCS Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
logo
Hammond Manufacturing L...
HCS-DDR HAMMOND-HCS-DDR Datasheet
240Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HCS-DFG-36 HAMMOND-HCS-DFG-36 Datasheet
134Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HCS-DFG-36 HAMMOND-HCS-DFG-36 Datasheet
74Kb / 2P
Systeme disolement thermique
HCS-DFG-42 HAMMOND-HCS-DFG-42 Datasheet
134Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Similar Description - HCSK

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
LOB-1R010JLFLT IRCTT-LOB-1R010JLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
Bare Metal Element Resistor
PWR4412-2SBR0300J BOURNS-PWR4412-2SBR0300J Datasheet
108Kb / 1P
Bare Metal Element Resistor
logo
List of Unclassifed Man...
OAR3R015FLF ETC2-OAR3R015FLF Datasheet
570Kb / 4P
Open Air Resistor Metal Element Current Sense
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
Open Air Resistor Metal Element Current Sense OAR
logo
Stackpole Electronics, ...
CSSK SEI-CSSK Datasheet
348Kb / 5P
Kelvin Termination Metal Alloy Current Sensing Resistor
3/29/2022
HCS SEI-HCS Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCSM SEI-HCSM Datasheet
305Kb / 5P
High Power Metal Element Current Shunt Resistor
4/18/2022
logo
Eaton All Rights Reserv...
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com