Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSK Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # HCSK
Description  Kelvin Termination Metal Element Current Shunt Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCSK Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  HCSK Datasheet HTML 1Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 2Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 3Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 4Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 5Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev Date: 9/12/2022
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCSK Series
Kelvin Termination Metal Element Current Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Metal element current shunt resistor
•
12W permanent power
•
Inductance < 3nH
•
Internal heat resistance 15K/W
•
AEC-Q200 compliant
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Applications:
•
Power modules
•
Frequency converters
•
Current sensor for power hybrid sources
•
High current handling for automotive engine controls and power management
Product photo shown above is typical. Actual components may vary depending on resistive element and amount of trim
adjustment required to meet desired resistance value.
Electrical Specifications
Mechanical Specifications
– 1216
Ohmic Range (Ω) and Tolerance
1% and 5%
5
9
0.0005
3
7
0.001
9
0.0005
7
0.001
6
0.002
3
5
0.003
4
0.004
3
0.005
12
0.0002
9
0.0005
8
0.0007
7
0.001
3
5
0.003
2
± 50
HCSK4026
HCSK2725
Type/Code
Power Rating (W)
@ 100°C
TCR (ppm/ºC)
HCSK1216
4
Power Rating (W)
@ 70°C
5
5
Type/Code
Unit
0.150 ± 0.012
0.118 ± 0.006
0.037 ± 0.006
0.071 ± 0.004
± 0.004
inches
3.81 ± 0.30
3.00 ± 0.15
0.95 ± 0.15
1.80 ± 0.10
± 0.10
mm
Unit
0.024 ± 0.006
0.106 ± 0.004
0.012 ± 0.004
inches
0.60 ± 0.15
2.70 ± 0.10
0.30 ± 0.10
mm
(*) Reference only.
A
(*)
1.05
E
0.020
0.50
D1
F
G
0.041
C
H
L
B
HCSK1216


Similar Part No. - HCSK

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HCS SEI-HCS Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
logo
Hammond Manufacturing L...
HCS-DDR HAMMOND-HCS-DDR Datasheet
240Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HCS-DFG-36 HAMMOND-HCS-DFG-36 Datasheet
134Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HCS-DFG-36 HAMMOND-HCS-DFG-36 Datasheet
74Kb / 2P
Systeme disolement thermique
HCS-DFG-42 HAMMOND-HCS-DFG-42 Datasheet
134Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - HCSK

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
LOB-1R010JLFLT IRCTT-LOB-1R010JLFLT Datasheet
158Kb / 3P
Low Resistance Metal Element Resistor
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
PWR4412-2S BOURNS-PWR4412-2S Datasheet
108Kb / 1P
Bare Metal Element Resistor
PWR4412-2SBR0300J BOURNS-PWR4412-2SBR0300J Datasheet
108Kb / 1P
Bare Metal Element Resistor
logo
List of Unclassifed Man...
OAR3R015FLF ETC2-OAR3R015FLF Datasheet
570Kb / 4P
Open Air Resistor Metal Element Current Sense
logo
TT Electronics.
OAR3R025FLF TTELEC-OAR3R025FLF Datasheet
635Kb / 4P
Open Air Resistor Metal Element Current Sense OAR
logo
Stackpole Electronics, ...
CSSK SEI-CSSK Datasheet
348Kb / 5P
Kelvin Termination Metal Alloy Current Sensing Resistor
3/29/2022
HCS SEI-HCS Datasheet
625Kb / 11P
High Current Metal Element Shunt Resistor
5/12/2022
HCSM SEI-HCSM Datasheet
305Kb / 5P
High Power Metal Element Current Shunt Resistor
4/18/2022
logo
Eaton All Rights Reserv...
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com