Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSK Datasheet(PDF) 3 Page - Stackpole Electronics, Inc.

Part # HCSK
Description  Kelvin Termination Metal Element Current Shunt Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCSK Datasheet(HTML) 3 Page - Stackpole Electronics, Inc.

  HCSK Datasheet HTML 1Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 2Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 3Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 4Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 5Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Rev Date: 9/12/2022
3
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCSK Series
Kelvin Termination Metal Element Current Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Power Derating Curve:
Environmental Performance Characteristics
Test
Test Method
Test Specification
Test Condition
Short Time Overload
-
Δ R: ± 1%
5 times rated power for 5 seconds
+20°C/+125ºC
+25°C/+125ºC
Operating Temperature Range is - 55°C to + 170°C
Temperature Coefficient
of Resistance (TCR)
(1216, 4026)
JIS-C5202-5.2
Refer to
Electrical
Specifications
The chip (mounted on board) is exposed in the heat chamber,
125ºC for 1000 hours.
High Temperature
Exposure
Moisture Resistance
JIS-C5202-7.2
Δ R: ± 1%
Δ R: ± 1%
MIL-STD-202,
Method 106
The specimens shall be placed in a chamber and subjected to a relative
humidity of 90 ~ 98% and a temperature of 25ºC/65ºC, 10 cycles.
Temperature Coefficient
of Resistance (TCR)
(2725)
JIS-C5202-5.2
Refer to
Electrical
Specifications
Note: The terminal electron temperature of component should be below 100°C.
Storage Conditions: Temperature of 22 ~ 28°C. Humidity: 40 ~ 75%.
Apply rated power for 1000 hours with 1.5 hours ON and 0.5 hour OFF.
Load Life
The chip (mounted on board) is exposed,
-55 ± 3ºC (30 minutes)/+125 ± 2ºC (30 minutes) for 5 cycles.
The following conditions shown in the figure below.
Rapid Change of
Temperature
JIS-C5202-7.10
JIS-C5202-7.4
Δ R: ± 1%
Δ R: ± 1%
Δ R
R x Δ t
TCR (ppm/ºC ) =
x 10
6
Δ R
R x Δ t
TCR (ppm/ºC ) =
x 10
6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com