Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSK Datasheet(PDF) 2 Page - Stackpole Electronics, Inc.

Part # HCSK
Description  Kelvin Termination Metal Element Current Shunt Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCSK Datasheet(HTML) 2 Page - Stackpole Electronics, Inc.

  HCSK Datasheet HTML 1Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 2Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 3Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 4Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 5Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev Date: 9/12/2022
2
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCSK Series
Kelvin Termination Metal Element Current Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Mechanical Specifications
– 2725
Mechanical Specifications
– 4026
Type/Code
Unit
0.148 ± 0.008
inches
0.055 ± 0.008
3.75 ± 0.20
0.017 ± 0.004
mm
1.40 ± 0.20
0.104 ± 0.008
0.42 ± 0.10
inches
2.65 ± 0.20
mm
Type/Code
Unit
0.398 ± 0.006
0.260 ± 0.008
inches
10.10 ± 0.15
6.60 ± 0.20
mm
W
F
0.197
K
0.008
E
H
T
L
5.00
A
1.00
0.028
0.70
0.028
0.70
B
C
0.039
HCSK4026
(all Ω values)
0.272
0.024
G (max.)
I
J
4.90
0.193
HCSK4026
(0.0002 Ω)
HCSK4026
(except 0.0002 Ω)
6.90
0.60
0.20
Type/Code
Unit
0.260 ± 0.010
0.272 ± 0.006
0.094 ± 0.008
0.028 ± 0.008
inches
6.60 ± 0.25
6.90 ± 0.15
2.40 ± 0.20
0.70 ± 0.20
mm
0.260 ± 0.010
0.272 ± 0.006
0.094 ± 0.008
0.028 ± 0.008
inches
6.60 ± 0.25
6.90 ± 0.15
2.40 ± 0.20
0.70 ± 0.20
mm
0.260 ± 0.010
0.272 ± 0.006
0.094 ± 0.008
0.028 ± 0.008
inches
6.60 ± 0.25
6.90 ± 0.15
2.40 ± 0.20
0.70 ± 0.20
mm
0.260 ± 0.010
0.272 ± 0.006
0.094 ± 0.008
0.028 ± 0.008
inches
6.60 ± 0.25
6.90 ± 0.15
2.40 ± 0.20
0.70 ± 0.20
mm
0.260 ± 0.010
0.272 ± 0.006
0.094 ± 0.008
0.028 ± 0.008
inches
6.60 ± 0.25
6.90 ± 0.15
2.40 ± 0.20
0.70 ± 0.20
mm
0.260 ± 0.010
0.272 ± 0.006
0.094 ± 0.008
0.028 ± 0.008
inches
6.60 ± 0.25
6.90 ± 0.15
2.40 ± 0.20
0.70 ± 0.20
mm
Type/Code
Unit
0.039 ± 0.008
0.075 ± 0.008
0.016 ± 0.004
0.018 ± 0.004
inches
1.00 ± 0.20
1.90 ± 0.20
0.40 ± 0.10
0.45 ± 0.10
mm
0.039 ± 0.008
0.075 ± 0.008
0.016 ± 0.004
0.014 ± 0.004
inches
1.00 ± 0.20
1.90 ± 0.20
0.40 ± 0.10
0.35 ± 0.10
mm
0.039 ± 0.008
0.075 ± 0.008
0.016 ± 0.004
0.022 ± 0.004
inches
1.00 ± 0.20
1.90 ± 0.20
0.40 ± 0.10
0.55 ± 0.10
mm
0.039 ± 0.008
0.075 ± 0.008
0.016 ± 0.004
0.014 ± 0.004
inches
1.00 ± 0.20
1.90 ± 0.20
0.40 ± 0.10
0.35 ± 0.10
mm
0.039 ± 0.008
0.075 ± 0.008
0.016 ± 0.004
0.014 ± 0.004
inches
1.00 ± 0.20
1.90 ± 0.20
0.40 ± 0.10
0.35 ± 0.10
mm
0.039 ± 0.008
0.075 ± 0.008
0.016 ± 0.004
0.014 ± 0.004
inches
1.00 ± 0.20
1.90 ± 0.20
0.40 ± 0.10
0.35 ± 0.10
mm
(*) Reference only.
HCSK2725
(0.004)
0.193
4.90
HCSK2725
(0.005)
0.193
4.90
HCSK2725
(0.002)
0.193
4.90
HCSK2725
(0.003)
0.193
4.90
HCSK2725
(0.0005)
0.193
4.90
HCSK2725
(0.001)
0.193
4.90
F
G
(*)
A
D1
D2
HCSK2725
(0.004)
0.122
3.10
HCSK2725
(0.005)
0.122
3.10
HCSK2725
(0.002)
0.122
3.10
HCSK2725
(0.003)
0.122
3.10
HCSK2725
(0.0005)
0.122
3.10
HCSK2725
(0.001)
0.122
3.10
L
B
C
(*)
H
E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com