Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSK Datasheet(PDF) 5 Page - Stackpole Electronics, Inc.

Part # HCSK
Description  Kelvin Termination Metal Element Current Shunt Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCSK Datasheet(HTML) 5 Page - Stackpole Electronics, Inc.

  HCSK Datasheet HTML 1Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 2Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 3Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 4Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 5Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Rev Date: 9/12/2022
5
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCSK Series
Kelvin Termination Metal Element Current Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Soldering Recommendations:
•
Peak reflow temperatures and durations
▪
IR Reflow Peak = 260ºC max for 10 seconds
▪
Not suitable for wave soldering
•
Recommended IR reflow profile:
RoHS Compliance
Stackpole Electronics has joined the worldwide effort to reduce the amount of lead in electronic components and to meet the various
regulatory requirements now prevalent, such as the European Union’s directive regarding “Restrictions on Hazardous Substances”
(RoHS 3). As part of this ongoing program, we periodically update this document with the status regarding the availability of our
compliant components. All our standard part numbers are compliant to EU Directive 2011/65/EU of the European Parliament as
amended by Directive (EU) 2015/863/EU as regards the list of restricted substances.
Recommended Pad Layouts
RoHS Compliance Status
HCSK
Kelvin Termination Current Shunt Resistor
SMD
YES
100% Copper
Always
Always
Lead-Free
Effective Date
Code
(YY/WW)
Standard
Product
Series
Description
Package /
Termination
Type
Standard
Series RoHS
Compliant
Lead-Free
Termination
Composition
Lead-Free
Mfg. Effective Date
(Std Product Series)
Taping Specifications
– Embossed Plastic Tape (cont.)
Type/Code
Unit
0.272 ± 0.004
0.409 ± 0.004
0.069 ± 0.004
0.453 ± 0.004
0.945 ± 0.012
inches
6.90 ± 0.10
10.40 ± 0.10
1.75 ± 0.10
11.50 ± 0.10
24.00 ± 0.30
mm
Type/Code
Unit
0.165 ± 0.004
inches
0.157 ± 0.004
0.472 ± 0.004
0.079 ± 0.004
0.059 ± 0.004
4.20 ± 0.10
mm
4.00 ± 0.10
12.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
0.126 ± 0.004
inches
3.20 ± 0.10
mm
HCSK4026
(all Ω values)
HCSK4026
(0.0002 Ω)
T
P0
P1
P2
D0
A
B
E
F
W
HCSK4026
(except 0.0002 Ω)
Type/Code
Unit
0.059 ± 0.004
0.024 ± 0.004
0.059 ± 0.004
0.028 ± 0.004
0.020 ± 0.004
0.116 ± 0.004
inches
1.50 ± 0.10
0.60 ± 0.10
1.50 ± 0.10
0.70 ± 0.10
0.50 ± 0.10
2.95 ± 0.10
mm
0.114 ± 0.008
0.079 ± 0.008
0.114 ± 0.008
0.035 ± 0.004
0.039 ± 0.004
0.220 ± 0.008
inches
2.90 ± 0.20
2.00 ± 0.20
2.90 ± 0.20
0.90 ± 0.10
1.00 ± 0.10
5.60 ± 0.20
mm
0.063 ± 0.008
0.272 ± 0.008
0.063 ± 0.008
0.028 ± 0.004
0.039 ± 0.004
0.193 ± 0.008
inches
1.60 ± 0.20
6.90 ± 0.20
1.60 ± 0.20
0.70 ± 0.10
1.00 ± 0.10
4.90 ± 0.20
mm
f
g
HCSK1216
HCSK2725
HCSK4026
a
b
c
e



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com