Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCSK Datasheet(PDF) 4 Page - Stackpole Electronics, Inc.

Part # HCSK
Description  Kelvin Termination Metal Element Current Shunt Resistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

HCSK Datasheet(HTML) 4 Page - Stackpole Electronics, Inc.

  HCSK Datasheet HTML 1Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 2Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 3Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 4Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 5Page - Stackpole Electronics, Inc. HCSK Datasheet HTML 6Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev Date: 9/12/2022
4
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
HCSK Series
Kelvin Termination Metal Element Current Shunt Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Taping Specifications
– Embossed Plastic Tape
Function Performance Characteristics
Test
Test Method
Test Specification
Test Condition
Mount the chip to test 90 mm (L) * 40 mm (W) FR4 printed circuit board substrate.
Apply pressure in direction of arrow unit band width reaches 2 mm (+0.2 / -0 mm)
illustrated in the figure below and hold for 10 ± 1 seconds.
Bending Strength
JIS-C5202-6.1
Δ R: ± 1%
JIS-C5202-6.11
Solder shall cover
95% or more of
the electrode
area.
Solderability
The part shall be immersed into the flux specified in the solder bath
235ºC ± 5ºC for 2 seconds ± 0.5 seconds.
It shall be immersed to a point 10 mm from its root.
(Sn96.5/Ag3.0/Cu0.5)
Type/Code
Unit
0.130 ± 0.004
0.165 ± 0.004
0.104 ± 0.004
0.217 ± 0.004
0.472 ± 0.008
inches
3.30 ± 0.10
4.20 ± 0.10
2.64 ± 0.10
5.50 ± 0.10
12.00 ± 0.20
mm
Unit
0.157 ± 0.004
0.315 ± 0.004
0.079 ± 0.002
0.059 ± 0.004
0.083 ± 0.004
inches
4.00 ± 0.10
8.00 ± 0.10
2.00 ± 0.05
1.50 ± 0.10
2.10 ± 0.10
mm
Type/Code
Unit
0.276 ± 0.004
0.276 ± 0.004
0.069 ± 0.004
0.295 ± 0.004
0.630 ± 0.008
inches
7.00 ± 0.10
7.00 ± 0.10
1.75 ± 0.10
7.50 ± 0.10
16.00 ± 0.20
mm
Unit
0.157 ± 0.004
0.472 ± 0.004
0.079 ± 0.004
0.059 ± 0.004
0.122 ± 0.004
inches
4.00 ± 0.10
12.00 ± 0.10
2.00 ± 0.10
1.50 ± 0.10
3.10 ± 0.10
mm
D0
W
W
A
B
E
F
T
HCSK1216
HCSK2725
A
B
E
F
P0
P1
P2
D0
T
P0
P1
P2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com