Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCSC4527 Datasheet(PDF) 3 Page - Central Technologies

Part # CTCSC4527
Description  Metal Alloy Current Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCSC4527 Datasheet(HTML) 3 Page - Central Technologies

  CTCSC4527 Datasheet HTML 1Page - Central Technologies CTCSC4527 Datasheet HTML 2Page - Central Technologies CTCSC4527 Datasheet HTML 3Page - Central Technologies CTCSC4527 Datasheet HTML 4Page - Central Technologies CTCSC4527 Datasheet HTML 5Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.14.17
www.ctparts.com
MATERIAL OF ALLOY
RECOMMENDED LAND PATTERN
Type
Maximum
Power
Rating
(Watts)
Resistance
Range
(mΏ)
Dimensions - in Millimeters
a
b
i
CTCSC1206
0.5 & 1 &
1.5
0.3~0.6
1.65
2.18
0.9
1~50
1.6
1
CTCSC2010
1
0.5~3
2.89
2.92
1.22
3.1~100
2.29
2.41
CTCSC2512
1 & 1.5
0.3~4
3.05
3.68
1.27
4.1~100
2.11
3.18
2
0.3~4
3.05
1.27
4.1~75
2.11
3.18
3
0.3~0.5
3.05
1.27
0.6~2.9
2.19
3
4.1~10
3~4
2.79
1.8
CTCSC2725
4
0.2~3
3.18
6.86
1.32
CTCSC2728
3 & 3.5 & 4
4.~100
2.75
7.82
3.51
CTCSC452S
CTCSC4527
3
0.5~5
4.8
8.74
5.51
5.1~20
3.4
8.31
5
0.5~5
4.8
8.74
5.51
5.1~200
3.4
8.31
Type
Watts
Material
Resistance
CTCSC1206
0.5
Copper - Manganese Alloy
Iron - Chromium Aluminium Alloy
≤4.0mΩ
1
1.5
>4.0mΩ
CTCSC2010
1
Copper - Manganese Alloy
≤4.0mΩ
Iron - Chromium Aluminium Alloy
>4.0mΩ
CTCSC2512
1
Copper - Manganese Alloy
Iron - Chromium Aluminium Alloy
<3.5mΩ
1.5
2
≥3.5mΩ
3
Copper - Manganese Alloy
≤2.5mΩ
Iron - Chromium Aluminium Alloy
≥3.0mΩ
CTCSC2725
4
Copper - Manganese Alloy
≤0.5mΩ
Iron - Chromium Aluminium Alloy
>0.5mΩ
CTCSC2728
3
Iron - Chromium Aluminium Alloy
All
3.5
4
CTCSC452S
CTCSC4527
3
Copper - Manganese Alloy
≤3.0mΩ
5
Iron - Chromium Aluminium Alloy
≥4.0mΩ
Metal Alloy Current Sensors
CONFIGURATION AND DIMENSIONS
CTCSC4527
5
0.5
0.450±0.010
(11.43±0.254)
0.270±0.010
(6.85±0.254)
0.059±0.010
(1.50±0.254)
0.127±0.010
(3.215±0.254)
0.038±0.010
(0.965±0.254)
0.6~3
4~5
5.1~200
0.071±0.010
(1.815±0.254)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com