Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTCSC4527 Datasheet(PDF) 1 Page - Central Technologies

Part # CTCSC4527
Description  Metal Alloy Current Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CTCSC4527 Datasheet(HTML) 1 Page - Central Technologies

  CTCSC4527 Datasheet HTML 1Page - Central Technologies CTCSC4527 Datasheet HTML 2Page - Central Technologies CTCSC4527 Datasheet HTML 3Page - Central Technologies CTCSC4527 Datasheet HTML 4Page - Central Technologies CTCSC4527 Datasheet HTML 5Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2014 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 02.14.17
Metal Alloy Current Sensors
www.ctparts.com
CTCSC
Series
CONFIGURATION AND DIMENSIONS
Not Shown at Actual Size
CHARACTERISTICS
Description: Metal Alloy Current Sensors
Features:
•
LOW T.C.R
•
Wide Resistance range
•
Short time over load for 5 seconds
•
High Surge Power
•
RoHS, PFOS, PFOA, Halogen Free and REACH Compliant
•
Anti-sulfurated
Operating Temperature: -55°C to +170°C
Applications: Power Converter, Overload Protection, Linear Motor Control,
SwitchingConverter,PowerAmplifier,RFTotalPower
Samples available. See website for ordering information.
PRODUCT IDENTIFICATION
CTCSC
2512
1
R001XX
F
Product Series
Dimensions
Code
(Inch)
Rated
Power
Resistence
(6 Digits)
Tolerance
Metal Alloy
1206
C=0.5W
R001XX=1mΩ
D=±0.5%
Low Resistance
2010
1=1.0W
R010XX=10mΩ
F=±1%
Resistor
2512
A=1.5W R100XX=100mΩ
G=±2%
2725
2=2.0W
R00025=0.25mΩ
J=±5%
2728
3=3.0W
4527
B=3.5W
452S
4=4.0W
5=5.0W
PHYSICAL DIMENSIONS
W
H
T1
L
W
T2
T1
H
Type
Maximum
Power Rating
(Watts)
Resistance Range
(mΩ)
Dimensions - in Inches (millimeters)
L
W
H
T1
CTCSC1206
0.5 & 1
0.3
0.126±0.010
(3.200±0.254)
0.063±0.010
(1.600±0.254)
0.039±0.010
(1.000±0.254)
0.022±0.010
(0.550±0.254)
0.5~0.6
0.029±0.010
(0.725±0.254)
1
0.025±0.010
(0.645±0.254)
0.020±0.010
(0.508±0.254)
2~4
0.022±0.010
(0.545±0.254)
5
0.024±0.010
(0.600±0.254)
6~50
0.020±0.010
(0.508 ± 0.254)
1.5
0.3
0.039±0.010
(1.000±0.254)
0.022±0.010
(0.550±0.254)
0.5~0.6
0.029±0.010
(0.725±0.254)
1
0.025±0.010
(0.645±0.254)
0.020±0.010
(0.508±0.254)
CTCSC1206/2010/2512/2725/2728
CTCSC452S/4527
L


Similar Part No. - CTCSC4527

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTCS MSYSTEM-CTCS Datasheet
189Kb / 6P
Plug-in Signal Conditioners M-UNIT
logo
Central Technologies
CTCSE CT-CTCSE Datasheet
470Kb / 4P
Metal Alloy Current Sensors
CTCSE0508 CT-CTCSE0508 Datasheet
470Kb / 4P
Metal Alloy Current Sensors
CTCSE0603 CT-CTCSE0603 Datasheet
470Kb / 4P
Metal Alloy Current Sensors
CTCSE0612 CT-CTCSE0612 Datasheet
470Kb / 4P
Metal Alloy Current Sensors
More results

Similar Description - CTCSC4527

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
MCS1632R010FER OHMITE-MCS1632R010FER Datasheet
196Kb / 1P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
MERITEK ELECTRONICS COR...
MLR MERITEK-MLR Datasheet
191Kb / 4P
Metal Alloy Low-Ohmic Current Sensing Resistor
logo
Bourns Electronic Solut...
CRF2512 BOURNS-CRF2512 Datasheet
133Kb / 1P
Metal Alloy Current Sense Resistor
logo
TOKO, Inc
DFE201612C TOKO-DFE201612C Datasheet
76Kb / 1P
Metal Alloy Inductors
DFE252010P TOKO-DFE252010P Datasheet
186Kb / 1P
Metal Alloy Inductors
FCUL1040 TOKO-FCUL1040 Datasheet
106Kb / 1P
Metal Alloy Inductors
logo
Central Technologies
CTCSE CT-CTCSE Datasheet
470Kb / 4P
Metal Alloy Current Sensors
CTCSS CT-CTCSS Datasheet
472Kb / 4P
Metal Alloy Current Sensors
logo
Ohmite Mfg. Co.
MCS OHMITE-MCS_18 Datasheet
542Kb / 2P
Metal Element Current Sense Resistive Metal Alloy mOhm Technology, SMD
logo
Stackpole Electronics, ...
CSSK SEI-CSSK Datasheet
348Kb / 5P
Kelvin Termination Metal Alloy Current Sensing Resistor
3/29/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com