Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB303X Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # CYUSB303X
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB303X Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button CYUSB303X Datasheet HTML 46Page - Cypress Semiconductor CYUSB303X Datasheet HTML 47Page - Cypress Semiconductor CYUSB303X Datasheet HTML 48Page - Cypress Semiconductor CYUSB303X Datasheet HTML 49Page - Cypress Semiconductor CYUSB303X Datasheet HTML 50Page - Cypress Semiconductor CYUSB303X Datasheet HTML 51Page - Cypress Semiconductor CYUSB303X Datasheet HTML 52Page - Cypress Semiconductor CYUSB303X Datasheet HTML 53Page - Cypress Semiconductor CYUSB303X Datasheet HTML 54Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 50 / 54 page
background image
CYUSB303X
Document Number: 001-84160 Rev. *G
Page 50 of 54
Package Diagram
Figure 32. 121-ball FBGA (10 × 10 × 1.2 mm (0.30 mm Ball Diameter)) Package Outline, 001-54471
N IS THE NUMBER OF POPULATED SOLDER BALL POSITIONS FOR MATRIX
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE OUTER ROW,
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE OUTER ROW,
DEFINE THE POSITION OF THE CENTER SOLDER BALL IN THE OUTER ROW.
"SD" AND "SE" ARE MEASURED WITH RESPECT TO DATUMS A AND B AND
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE "E" DIRECTION.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D" DIRECTION.
"e" REPRESENTS THE SOLDER BALL GRID PITCH.
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL DIAMETER IN A
SOLDER BALL POSITION DESIGNATION PER JEP95, SECTION 3, SPP-020.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED SOLDER
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK MARK
8.
7.
6.
NOTES:
5.
4.
3.
2.
1. ALL DIMENSIONS ARE IN MILLIMETERS.
SD
b
eE
eD
ME
N
0.25
0.00
0.80 BSC
0.80 BSC
0.30
121
11
0.35
DIMENSIONS
D1
MD
E1
E
D
A
A1
SYMBOL
0.15
MIN.
-
8.00 BSC
8.00 BSC
11
10.00 BSC
10.00 BSC
NOM.
-
1.20
-
MAX.
SE
0.00
-
METALIZED MARK, INDENTATION OR OTHER MEANS.
"SD" = eD/2 AND "SE" = eE/2.
PLANE PARALLEL TO DATUM C.
"SD" OR "SE" = 0.
SIZE MD X ME.
BALLS.
76
5
4
3
2
1
11 10
9
8
L
K
J
H
G
F
E
D
C
B
A
121XØb
5
Ø0.15
C
M
C
Ø0.08 M
AB
C
A1
0.08 C
0.20 C
DETAIL A
TOP VIEW
BOTTOM VIEW
SIDE VIEW
A
DETAIL A
A1 CORNER
7
A1 CORNER
A
E
D
0.10
2X
C
B
0.10
2X
C
D1
E1
(datum A)
(datum B)
SD
6
SE
6
eD
eE
001-54471 *E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com