Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYUSB303X Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # CYUSB303X
Description  EZ-USB짰 FX3S SuperSpeed USB Controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYUSB303X Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button CYUSB303X Datasheet HTML 9Page - Cypress Semiconductor CYUSB303X Datasheet HTML 10Page - Cypress Semiconductor CYUSB303X Datasheet HTML 11Page - Cypress Semiconductor CYUSB303X Datasheet HTML 12Page - Cypress Semiconductor CYUSB303X Datasheet HTML 13Page - Cypress Semiconductor CYUSB303X Datasheet HTML 14Page - Cypress Semiconductor CYUSB303X Datasheet HTML 15Page - Cypress Semiconductor CYUSB303X Datasheet HTML 16Page - Cypress Semiconductor CYUSB303X Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
CYUSB303X
Document Number: 001-84160 Rev. *G
Page 13 of 54
Clocking
FX3S allows either a crystal to be connected between the
XTALIN and XTALOUT pins or an external clock to be connected
at the CLKIN pin. The XTALIN, XTALOUT, CLKIN, and
CLKIN_32 pins can be left unconnected if they are not used.
Crystal frequency supported is 19.2 MHz, while the external
clock frequencies supported are 19.2, 26, 38.4, and 52 MHz.
FX3S has an on-chip oscillator circuit that uses an external
19.2-MHz (±100 ppm) crystal (when the crystal option is used).
An appropriate load capacitance is required with a crystal. Refer
to the specification of the crystal used to determine the
appropriate load capacitance. The FSLC[2:0] pins must be
configured appropriately to select the crystal- or clock-frequency
option. The configuration options are shown in Table 3.
Clock inputs to FX3S must meet the phase noise and jitter
requirements specified in Table 4.
The input clock frequency is independent of the clock and data
rate of the FX3S core or any of the device interfaces (including
P-Port and S-Port). The internal PLL applies the appropriate
clock multiply option depending on the input frequency.
32-kHz Watchdog Timer Clock Input
FX3S includes a watchdog timer. The watchdog timer can be
used to interrupt the ARM926EJ-S core, automatically wake up
the FX3S in Standby mode, and reset the ARM926EJ-S core.
The watchdog timer runs a 32-kHz clock, which may be
optionally supplied from an external source on a dedicated FX3S
pin.
The firmware can disable the watchdog timer.
Requirements for the optional 32-kHz clock input are listed in
Table 5.
Table 3. Crystal/Clock Frequency Selection
FSLC[2]
FSLC[1]
FSLC[0]
Crystal/Clock
Frequency
0
0
0
19.2-MHz crystal
1
0
0
19.2-MHz input CLK
1
0
1
26-MHz input CLK
1
1
0
38.4-MHz input CLK
1
1
1
52-MHz input CLK
Table 4. FX3S Input Clock Specifications
Parameter
Description
Specification
Units
Min
Max
Phase noise
100-Hz offset
–
–75
dB
1- kHz offset
–
–104
dB
10-kHz offset
–
–120
dB
100-kHz offset
–
–128
dB
1-MHz offset
–
–130
dB
Maximum frequency deviation
–
150
ppm
Duty cycle
30
70
%
Overshoot
–
3
%
Undershoot
–
–3
%
Rise time/fall time
–
3
ns
Table 5. 32-kHz Clock Input Requirements
Parameter
Min
Max
Units
Duty cycle
40
60
%
Frequency deviation
–
±200
ppm
Rise time/fall time
–
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com