Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9AB40NB Datasheet(PDF) 50 Page - Cypress Semiconductor

Part # MB9AB40NB
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9AB40NB Datasheet(HTML) 50 Page - Cypress Semiconductor

Back Button MB9AB40NB Datasheet HTML 46Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 47Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 48Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 49Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 50Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 51Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 52Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 53Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 54Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 128 page
background image
Document Number: 002-05631 Rev *B
Page 50 of 128
MB9AB40NB Series
Lead-Free Packaging
CAUTION: When ball grid array (BGA) packages with Sn-Ag-Cu balls are mounted using Sn-Pb eutectic soldering, junction
strength may be reduced under some conditions of use.
Storage of Semiconductor Devices
Because plastic chip packages are formed from plastic resins, exposure to natural environmental conditions will cause absorption
of moisture. During mounting, the application of heat to a package that has absorbed moisture can cause surfaces to peel,
reducing moisture resistance and causing packages to crack. To prevent, do the following:
1.
Avoid exposure to rapid temperature changes, which cause moisture to condense inside the product. Store products in
locations where temperature changes are slight.
2.
Use dry boxes for product storage. Products should be stored below 70% relative humidity, and at temperatures between 5°C
and 30°C.
When you open Dry Package that recommends humidity 40% to 70% relative humidity.
3.
When necessary, Cypress Inc. packages semiconductor devices in highly moisture-resistant aluminum laminate bags, with a
silica gel desiccant. Devices should be sealed in their aluminum laminate bags for storage.
4.
Avoid storing packages where they are exposed to corrosive gases or high levels of dust.
Baking
Packages that have absorbed moisture may be de-moisturized by baking (heat drying). Follow the Cypress recommended
conditions for baking.
Condition: 125°C/24 h
Static Electricity
Because semiconductor devices are particularly susceptible to damage by static electricity, you must take the following
precautions:
1.
Maintain relative humidity in the working environment between 40% and 70%. Use of an apparatus for ion generation may be
needed to remove electricity.
2.
Electrically ground all conveyors, solder vessels, soldering irons and peripheral equipment.
3.
Eliminate static body electricity by the use of rings or bracelets connected to ground through high resistance (on the level of 1
MΩ).
Wearing of conductive clothing and shoes, use of conductive floor mats and other measures to minimize shock loads is
recommended.
4.
Ground all fixtures and instruments, or protect with anti-static measures.
5.
Avoid the use of styrofoam or other highly static-prone materials for storage of completed board assemblies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com