Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9AB40NB Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB9AB40NB
Description  32-bit ARM짰 Cortex짰-M3 FM3 Microcontroller
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9AB40NB Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB9AB40NB Datasheet HTML 24Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 25Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 26Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 27Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 28Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 29Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 30Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 31Page - Cypress Semiconductor MB9AB40NB Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
Document Number: 002-05631 Rev *B
Page 28 of 128
MB9AB40NB Series
Pin
Function
Pin Name
Function Description
Pin No
LQFP-100
QFP-100
BGA-112
LQFP-80
BGA-96
LQFP/
QFN-64
Debugger
SWCLK
Serial wire debug
interface clock input pin
78
56
B9
62
B9
50
SWDIO
Serial wire debug
interface data input /
output pin
80
58
A8
64
A9
52
SWO
Serial wire viewer
output pin
81
59
B8
65
B8
53
TCK
JTAG test clock input
pin
78
56
B9
62
B9
50
TDI
JTAG test data input
pin
79
57
B11
63
B11
51
TDO
JTAG debug data
output pin
81
59
B8
65
B8
53
TMS
JTAG test mode state
input/output pin
80
58
A8
64
A9
52
TRACECL
K
Trace CLK output pin
of ETM
86
64
C7
-
-
-
TRACED0
Trace data output pins
of ETM
82
60
C8
-
-
-
TRACED1
83
61
D9
-
-
-
TRACED2
84
62
A7
-
-
-
TRACED3
85
63
B7
-
-
-
TRSTX
JTAG test reset Input
pin
77
55
A9
61
A10
49
External
Bus
MAD00_1
External bus interface
address bus
31
9
H5
21
L5
-
MAD01_1
32
10
L6
22
K5
-
MAD02_1
39
17
K6
29
J5
-
MAD03_1
40
18
J6
30
K6
-
MAD04_1
41
19
L7
31
J6
-
MAD05_1
42
20
K7
32
L7
-
MAD06_1
43
21
H6
33
K7
-
MAD07_1
44
22
J7
34
J7
-
MAD08_1
45
23
K8
35
K8
-
MAD09_1
53
31
J10
43
J10
-
MAD10_1
54
32
J8
44
J8
-
MAD11_1
55
33
H10
45
H10
-
MAD12_1
56
34
H9
46
H9
-
MAD13_1
57
35
H7
47
G10
-
MAD14_1
58
36
G10
48
G9
-
MAD15_1
59
37
G9
49
F10
-
MAD16_1
63
41
G8
53
F9
-
MAD17_1
64
42
F10
54
E11
-
MAD18_1
65
43
F9
55
E10
-
MAD19_1
66
44
E11
56
E9
-
MAD20_1
67
45
E10
-
-
-
MAD21_1
68
46
F8
-
-
-
MAD22_1
69
47
E9
-
-
-
MAD23_1
70
48
D11
-
-
-
MAD24_1
74
52
C10
60
C10
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com