Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGS-910I-R11A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AGS-910I-R11A1E
Description  1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AGS-910I-R11A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AGS-910I-R11A1E Datasheet HTML 1Page - Advantech Co., Ltd. AGS-910I-R11A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
AGS-910
Ordering Information
Part Number
HDD
VGA Chip
RJ45
IPMI
Power supply
AGS-910I-R11A1E
4
AST 2300
4
YES
1+1 1100W RPS
System Contents
Items
Advantech P/N
Quantity
CPU0 heatsink
1960065593N001
1
CPU1 heatsink
1960065591N001
1
Slide rail kit
9680015703
1
Power cable for expansion card
(Pre-assembled in the system)
1700023022-01
6
Driver CD
2061910I00
1
Startup manual
2001910I10
1
Front View
Inside View
Rear View
Lower Right slot
Upper Middle slot
Lower Left slot
Upper Left slot
770
810
836.50
44



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com