Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AGS-910I-R11A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AGS-910I-R11A1E
Description  1U Rackmount Intel Xeon E5-2600/2600 v2 GPU server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AGS-910I-R11A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AGS-910I-R11A1E Datasheet HTML 1Page - Advantech Co., Ltd. AGS-910I-R11A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPU Servers
Features
AGS-910
Specifications
Processor System
Chipset
Intel C602J Chipset
CPU
Dual Intel LGA2011 Xeon 2600 / 2600 v2 processor (up to 135W TDP)
L2 Cache
Up to 30 MB
Memory
8 x DDR3 1333/1600 Non-ECC/ECC/REG DIMM, maximum to 128GB
Graphics
Controller
Aspeed AST2300
VRAM
64 MB
Expansion Slot
Slot location 1 (Upper Middle slot)
PCIe x 8 slot (Gen3 x8 link) for FH/HL expansion cards
Slot location 2 (Lower Right slot)
PCIe x16 slot (Gen3 x16 link), for double-deck 4.376"(H)/10.5"(L) expansion cards
Slot location 3 (Upper Left slot)
PCIe x16 slot (Gen3 x16 link), for double-deck 4.376"(H)/10.5"(L) expansion cards
Slot location 4
-
Slot location 5
-
Slot location 6 (Lower Left slot)
PCIe x16 slot (Gen3 x16 link), for double-deck 4.376"(H)/10.5"(L) expansion cards
Drive Bay
2.5" (Hot-swap)
4
3.5" (Front Accessible)
-
3.5" Internal
-
Ethernet
Interface
4 x 10/100/1000 Mbps Gigabit Ethernet
Controller
1 x Intel 82579LM + 3 x Intel I210AT
Front I/O Interface
USB
2 x USB2.0
Rear I/O Interface
USB
2 x USB2.0
PS/2
-
COM
-
Disaplay
1 x VGA
RJ-45
4 (1 is sharing NIC for IPMI)
Internal connector
Type-A USB
1
COM
2
LPC
1
Watchdog Timer
Output
Interrup, system reset
Interval
Programmable, 1~255 sec
Power Supply
Power Output Wattage
80 PLUS Platinum 1+1 redundant Power Supply
900W @ 100 ~ 120V
1100W @ 200 ~ 240V
Input Range
AC 100 ~ 240 V
Cooling
Chassis Fan
7 x 40x56 + 2 x 40x28 high speed fan
Air Filter
-
Miscellaneous
LED Indicators
Power status, HDD activity, LAN status, location, error message
Remote Management
Advantech Remote Monitoring Utility
Environment
Operating
Non-Operating
Temperature
0 ~ 40° C (32~104° F)
-20 ~ 60° C (-4 ~ 140° F)
Humidity
10 ~ 85% @ 40° C
10 ~ 95% @ 40° C
Vibration (5 ~ 500 Hz)
0.5 Grms
2 G
Shock
10G (with 11ms duration, half since wave)
30G
Physical Characteristics
Dimension (D x W x H)
770 x 430 x 44 mm
1U Rackmount Intel® Xeon® E5-2600 /
2600 v2 GPU server, Supporting 3 x PCIe
x16 double-depth card and 1 x PCIe x8
single-depth FH/HL card
ƒ Processor: Dual Intel® Xeon® E5-2600 / 2600 v2 series, up to 20 cores /
40 threads
ƒ Memory: DDR3-1333/1600 MHz Non-ECC/ECC/REG type up to 128GB
ƒ Remote Management: IPMI function support
ƒ Expansion: Supporting 3 * PCIe x16 double-deck card + 1* PCIe x8
single-deck FH/HL card
ƒ PSU: 1100W 1+1 redundant power supply with 80 PLUS Platinum level
certification
All product specifications are subject to change without notice
Last updated : 20-Oct-2015


Similar Part No. - AGS-910I-R11A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AGS-910I-R11A1E ADVANTECH-AGS-910I-R11A1E Datasheet
773Kb / 2P
1U Rackmount Xeon E5-2600 / 2600 v2 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
More results

Similar Description - AGS-910I-R11A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AGS-910I-R11A1E ADVANTECH-AGS-910I-R11A1E Datasheet
773Kb / 2P
1U Rackmount Xeon E5-2600 / 2600 v2 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-913I-R11A1E ADVANTECH-AGS-913I-R11A1E Datasheet
958Kb / 2P
1U Rackmount Xeon E5-2600 v3 GPU server, Supporting 3 x PCIe x16 double-depth card and 1 x PCIe x8 single-depth FH/HL card
AGS-920I-R14A1E ADVANTECH-AGS-920I-R14A1E Datasheet
1Mb / 2P
2U Rackmount Intel Xeon E5-2600 / 2600 v2 GPU server, Supporting 4 x PCIe x16 double-deck card 1 x PCIe x8 FH/HL card
HPC-7400MB-14A1E ADVANTECH-HPC-7400MB-14A1E Datasheet
1Mb / 2P
4U GPU Server System With Xeon E5-2600 v3 CPU, support up to 2* Tesla K40 GPU cards and 1400W RPS
logo
List of Unclassifed Man...
FW-8877 ETC2-FW-8877 Datasheet
549Kb / 4P
Intel Xeon짰 E5-2600 v1/v2 Processor-based Rackmount 1U x86 Network Security Platform
FW-8894 ETC2-FW-8894 Datasheet
162Kb / 2P
High Performance 1U Rackmount Network Security System Based on Intel Xeon E5-2600 v3 Series CPU and C612 Chipset
FW-8895 ETC2-FW-8895 Datasheet
171Kb / 4P
High Performance 2U Rackmount Network Security System based on Intel Xeon E5-2600 v1 and v2 Series CPU with C600 chipset
SSG-2027B-CIB020H ETC2-SSG-2027B-CIB020H Datasheet
1Mb / 2P
2 Intel Xeon E5-2403 v2 1.8GHz
logo
Advantech Co., Ltd.
AGS-913 ADVANTECH-AGS-913 Datasheet
900Kb / 2P
1U Rackmount Intel Xeon E5-2600 v3 GPU server
AVS-540 ADVANTECH-AVS-540_16 Datasheet
639Kb / 2P
4U Rackmount Intel Xeon E5-2600
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com