Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  4 COM Port Extendibility Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
ARK-1120F
Rear Panel External I/O Mechanical Layout/Drawing
Front Panel External I/O Mechanical Layout/Drawing
Packing List
Part Number
Description
-
1 x ARK-1120 unit
-
1 x Driver/Utility CD/manual
-
1 x Tranditional chinese user manual for CCC
-
1 x China RoHS
1960047289T001
DC power adapter locker
96PSA-A36W12R1
AC-to-DC Adapter DC12 V/3 A 36 W, with DC-Jack, 0 ~ 40°
C for Home and Office Use
Optional Items
Part Number
Description
1700001524
Power Cable 3-pin 180 cm, USA type
170203183C
Power Cable 3-pin 180 cm, Europe Type
170203180A
Power Cable 3-pin 180 cm, UK Type
1700008921
Power Cable 3-pin PSE Mark 183cm
AMK-V003E
ARK-112X series VESA mount kits
AMK-R001E
ARK-112X series DIN Rail mount kits
AMK-W001E
ARK-112X series wall mount kits
Embedded OS
Part Number
Description
2070012123
XPE WES2009 V4.4 24MUI
2070012267
WES7E 32bit w/ EN/JP/TC/SC
COM2
COM3
COM4
ON/OFF
HDD LED
DC INPUT VGA
USB2
LAN
USB1
COM1
133.8
DIN Rail
VESA mount
Wall mount
Ordering Information
Part Number
Intel CPU
RAM
VGA
GbE
Audio
2.5" HDD bay CF USB 2.0
RS-232 RS-232/422/485 MiniPCIe
Operating
Temp.
ARK-1120F-N5A1E
Atom N455
1.66GHz
Up to 2GB
1
1
N/A
1
1
2
2
2
1 Half size
0 ~ 40° C
Note: Memory, storage and operating system bundled by request.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com