Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  4 COM Port Extendibility Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
ARK-1120F Intel®Atom™N455with4COMPort
Extendibility Fanless Box PC
ƒ Intel® Atom™ processor N455 1.66 GHz + ICH8M
ƒ Low-power-consumption, <10W
ƒ Palm-size design: 133.8(W) x 43.1(H) x 94.2(D) mm
ƒ DDR3 memory support , up to 2GB
ƒ Supports 2.5" SATA HDD Bay
ƒ One half-size mini-PCIe slot. Ex: Wi-Fi add-on card
ƒ 4COM ports (2 x RS-232, 2 x RS-232/422/485 select by BIOS)
ƒ Optional VESA / DIN rail / Wall mounts
ƒ Lockable DC jack design
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
ARK-1120F-N5A1E
Processor System
CPU
Intel Atom processor N455
Frequency
1.66 GHz
L2 Cache
512KB
System Chipset
Intel ICH8-M
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
DDR3 up to 667 MHz
Max. Capacity
2 GB
Socket
1 x 204 pin SO-DIMM
Graphics
Chipset
Intel ICH8-M
Interface
CRT interface, up to 1600 x 1200 (SXGA)
Ethernet
LAN
1 x 10/100/1000 Mbps Intel 82567V GbE, Support Wake on LAN
Audio
Interface
N/A
I/O Interface
Serial Ports
2 x RS-232, 2 x RS-232/422/485 (by BIOS setting)
USB Interface
2 x USB ports, USB 2.0 Compliant
Other
Watchdog timer
255-level timer interval, setup by software
Expansion
Mini PCIe
1 x half-size miniPCIe supports WIFI only
Storage
HDD
Support one SATA 2.5" HDD Bay (support 9.5mm height only)
SSD
Supports CompactFlash socket for type I/II CompactFlash disk (only available for T-Parts and CTOS service)
Software Support
Microsoft Windows
Windows 7, XP Professional, XP Embedded, WinCE 6.0
Linux
Ubuntu v10.04.1
Power Requirement
Power Type
ATX
Power Input Voltage
12 VDC
Minimum Power Input
12 V, 1.5 A
Power Adaptor
AC to DC, DC12 V/3 A, 36 W (Support DC Locker Design)
Power Consumption
Typical
9.12 W
Max
10.80 W
Mechanical
Construction
Aluminum housing
Mounting
Support DIN Rail / VESA / Wall mounts (Optional)
Dimensions (W x H x D)
133.8 x 43.1 x 94.2 mm (5.27" x 1.70" x 3.71")
Weight
0.7 kg (1.55 lb)
Environmental
and Certifications
Operating Temperature
0 ~ 40° C (32 ~ 104° F) with 0.7m/s air flow and standard temperature HDD
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With CompactFlash disk: 3Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1hr/axis.
Shock During Operation
With CompactFlash disk: 30Grms, IEC 60068-2-27 , half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
UL, CCC, BSMI, CB
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 9-May-2016


Similar Part No. - AMK-R001E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual GbE and Dual COM Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual HDMI/GbE IoT Fanless BOX PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual COM and GPIO Palm-Size Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
865Kb / 2P
Independent Dual Displays Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
722Kb / 2P
4 COM Port Extendibility Fanless Box PC
More results

Similar Description - AMK-R001E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-2059E ADVANTECH-UNO-2059E Datasheet
531Kb / 1P
AMD Geode GX Fanless Box PC with 4 x COM, LAN, PC Card
UNO-2170 ADVANTECH-UNO-2170 Datasheet
578Kb / 1P
Intel짰 Celeron짰 M Fanless Box PC with 2 x LAN, 4 x COM, PC/104
ARK-1122C ADVANTECH-ARK-1122C Datasheet
697Kb / 2P
Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1120F ADVANTECH-ARK-1120F_15 Datasheet
666Kb / 2P
Intel짰 Atom??N455 with 4 COM Port Extendibility Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C_15 Datasheet
697Kb / 2P
Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1123L ADVANTECH-ARK-1123L_17 Datasheet
1Mb / 2P
Dual COM and GPIO Palm-Size Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_17 Datasheet
1Mb / 2P
Dual GbE and Dual COM Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C_17 Datasheet
722Kb / 2P
4 COM Port Extendibility Fanless Box PC
logo
Contec Co., Ltd
BX-S3000P2 CONTEC-BX-S3000P2 Datasheet
13Mb / 2P
Fanless BOX-PC
logo
Advantech Co., Ltd.
UBX-310 ADVANTECH-UBX-310 Datasheet
1Mb / 4P
Intelligent Compact Fanless BOX PC
8-Dec-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com