Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  4 COM Port Extendibility Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
DC 12V
-
+
ARK-1122C
COM2
COM3 COM4
COM1
On/Off
DC Input VGA
LAN
USB1
USB2
HDD
LED
USB3 USB4
133.8
DC 12V
-
+
DIN Rail
VESA mount
Wall mount
Rear Panel External I/O Mechanical Layout/Drawing
Front Panel External I/O Mechanical Layout/Drawing
Ordering Information
Part Number
Intel CPU
RAM
VGA
HDMI Audio GbE
2.5" HDD
bay
mSATA
Storage
USB 2.0
RS-232 RS-232/
422/485
Others
Operating
Temp.
ARK-1122C-S6A1E
Atom N2600
1.6GHz
Up to 4GB 1
N/A
N/A
1
Optional by
T-PN
1 (F/S)
4 (Standard) ;
2 (Option 2.5"
HDD bay version)
2
2
1x H/S
mPCIe
(WIFI only)
-20 ~ 60° C
Note: Memory, storage and operating system bundled by request.
Packing List
Part Number
Description
-
1 x ARK-1122 unit
-
1 x Driver/Utility CD/Manual
-
1 x Traditional Chinese user manual for CCC
-
1 x China RoHS
96PSA-A36W12W7
1 x AC to DC adapter DC 12V/3A 36W, -20 ~ 60° C
Embedded OS
Part Number
Description
2070011881
WES7E 32bit for ARK-1122C
2070012167
XPE for ARK-1122C
Optional Items
Part Number
Description
1700001524
Power Cable 3-pin 180cm, USA type
170203183C
Power Cable 3-pin 180cm, Europe type
170203180A
Power Cable 3-pin 180cm, UK type
1700008921
Power Cable 3-pin PSE Mark 183cm
AMK-V003E
ARK-112X series VESA mounting kit
AMK-R001E
ARK-112X series DIN-rail mounting kit
AMK-W001E
ARK-112X series Wall mounting kit



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com