Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  4 COM Port Extendibility Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
RoHS
COMPLIANT
2002/95/EC
ARK-1122C Intel®Atom™DualCoreN2600with
4 COM Port Extendibility Fanless Box PC
ƒ Intel® Atom™ Dual Core N2600, 1.6 GHz
ƒ Palm-size form factor : 133.8(W) x 43.1(H) x 94.2(D) mm
ƒ Supports 4 x COM ports (2 x RS-232 & 2 x RS-232/422/485, select by BIOS)
ƒ Supports 1 x VGA and 4 x USB 2.0 ports
ƒ Built-in 1 x half size Mini PCIe expansion slot (i.e.: Wi-Fi module)
ƒ Supports mSATA storage (Hard drive bay by request)
ƒ Wide operating temperature -20 ~ 60° C support
ƒ Optional VESA / DIN-Rail / Wall mounts
ƒ Lockable DC jack design
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
ARK-1122C-S6A1E
Processor System
CPU
Intel Atom Dual Core N2600 1.6 GHz
L2 Cache
1MB
System Chipset
Intel NM10
BIOS
AMI EFI 16 Mbit
Memory
Technology
DDR3 800 MHz, up to 4 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel Atom N2600
Interface
VGA (1920 x 1200)
Ethernet
LAN
1 x 10/100/1000 Mbps Intel 82583V GbE
I/O Interface
Serial Ports
2 x RS-232, 2 x RS-232/422/485, selected by BIOS
USB Interface
4 x USB ports, USB2.0 Compliant (Standard)
or 2 x USB ports (Option 2.5" drive bay version)
Other
Watchdog timer
255-level timer interval, setup by software
Expansion
Others
1 x half-size Mini PCIe supports WIFI only
Storage
2.5" HDD/SSD
1 x SATA II HDD bay (Optional by T-Part)
mSATA
1 x full-size Mini PCIe slot, colay with USB signal
Software Support
Microsoft Windows
Windows 7 Pro 32bit, WES7 32bit, XP Embedded (XP Embedded by project support)
Power Requirement
Power Input Voltage
12 VDC, ± 10%
DC Jack Type
Support lockable design
Power Adaptor
AC to DC, DC12 V/3 A, 36 W with lockable design
Power Consumption
Typical
5.4 W
Max
9.47 W
Mechanical
Construction
Aluminum housing
Mounting
Support VESA/DIN Rail/Wall mounting (Optional)
Dimensions (W x H x D)
133.8 x 43.1 x 94.2 mm (5.27" x 1.7" x 3.71")
Environmental and
Certifications
Operating Temperature
With standard temperature HDD/SSD/mSATA devices: 0 ~ 40° C with 0.7 m/s air flow
With extended temperature SSD/mSATA devices: -20 ~ 60° C with 0.7 m/s air flow
Storage Temperature
-40 ~ 85° C
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With SSD/mSATA: 3Grms, IEC 60068-2-27, half sine, 11ms duration
Shock During Operation
With SSD/mSATA: 30Grms, IEC 60068-2-27, half sine, 11ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
CB, UL, CCC, BSMI
NEW
All product specifications are subject to change without notice.
Last updated: 25-Jul-2017


Similar Part No. - AMK-R001E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual GbE and Dual COM Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual HDMI/GbE IoT Fanless BOX PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual COM and GPIO Palm-Size Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
865Kb / 2P
Independent Dual Displays Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
782Kb / 2P
4 COM Port Extendibility Fanless Box PC
More results

Similar Description - AMK-R001E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UNO-2059E ADVANTECH-UNO-2059E Datasheet
531Kb / 1P
AMD Geode GX Fanless Box PC with 4 x COM, LAN, PC Card
UNO-2170 ADVANTECH-UNO-2170 Datasheet
578Kb / 1P
Intel짰 Celeron짰 M Fanless Box PC with 2 x LAN, 4 x COM, PC/104
ARK-1122C ADVANTECH-ARK-1122C Datasheet
697Kb / 2P
Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1120F ADVANTECH-ARK-1120F_15 Datasheet
666Kb / 2P
Intel짰 Atom??N455 with 4 COM Port Extendibility Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C_15 Datasheet
697Kb / 2P
Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1123L ADVANTECH-ARK-1123L_17 Datasheet
1Mb / 2P
Dual COM and GPIO Palm-Size Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_17 Datasheet
1Mb / 2P
Dual GbE and Dual COM Fanless Box PC
ARK-1120F ADVANTECH-ARK-1120F Datasheet
782Kb / 2P
4 COM Port Extendibility Fanless Box PC
logo
Contec Co., Ltd
BX-S3000P2 CONTEC-BX-S3000P2 Datasheet
13Mb / 2P
Fanless BOX-PC
logo
Advantech Co., Ltd.
UBX-310 ADVANTECH-UBX-310 Datasheet
1Mb / 4P
Intelligent Compact Fanless BOX PC
8-Dec-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com